Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 22Page - NXP Semiconductors MC68331 Datasheet HTML 23Page - NXP Semiconductors MC68331 Datasheet HTML 24Page - NXP Semiconductors MC68331 Datasheet HTML 25Page - NXP Semiconductors MC68331 Datasheet HTML 26Page - NXP Semiconductors MC68331 Datasheet HTML 27Page - NXP Semiconductors MC68331 Datasheet HTML 28Page - NXP Semiconductors MC68331 Datasheet HTML 29Page - NXP Semiconductors MC68331 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
MC68L300EC16/D
Figure 24 Pulse Accumulator — Using TOF as Gated Mode Clock
Figure 25 PWMx (PWMx Register = 01, Fast Mode)
NOTE: 1.
TCNT counts as a result of PHI1*/4; PACNT counts when TCNT overflows from $FFFF to $0000 and the
conditioned PAI signal is asserted.
2.
*PHI1 has the same frequency as the system clock; however, it does not have the same timing.
$FFFE
$FFFF
$0000
$77
$78
PHI1*
PHI1*/4
EXT PIN (PAI)
TCNT
PACNT
NOTE: 1.
*PAI1 is the same frequency as the system clock; however, it does not have the same timing.
2.
When the counter rolls over from $FF to $00, the PWM pin is set to logic level one.
3.
When the counter equals the PWM register, the PWM pin is cleared to a logic level zero.
$FF
$00
$01
$02
PHI1*
PHI1*/2
PWMCNT (7:0)
EXT PIN (PMWx)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com