Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 19Page - NXP Semiconductors MC68331 Datasheet HTML 20Page - NXP Semiconductors MC68331 Datasheet HTML 21Page - NXP Semiconductors MC68331 Datasheet HTML 22Page - NXP Semiconductors MC68331 Datasheet HTML 23Page - NXP Semiconductors MC68331 Datasheet HTML 24Page - NXP Semiconductors MC68331 Datasheet HTML 25Page - NXP Semiconductors MC68331 Datasheet HTML 26Page - NXP Semiconductors MC68331 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
MC68L300EC16/D
23
Figure 21 Input Signal Conditioner Timing
Table 11 General-Purpose Timer AC Characteristics
Num
Parameter
Symbol
Min
Max
Unit
1
Operating Frequency
Fclock
0
16.77
MHz
2
PCLK Frequency
Fpclk
0
1/4 Fclock
MHz
3
Pulse Width Input Capture
PWtim
2/Fclock
—
—
4
PWM Resolution
—
2/Fclock
—
—
5
IC/OC Resolution
—
4/Fclock
—
—
6
PCLK Width (PWM)
—
4/Fclock
—
—
7
PCLK Width (IC/OC)
—
4/Fclock
—
—
8
PAI Pulse Width
—
2/Fclock
—
—
NOTE: 1.
A = Input signal after the synchronizer
2.
B = “A” after the digital filter
3.
*PHI1 is the same frequency as system clock; however, it does not have the same timing.
PHI1*
EXT PIN
A
B
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com