Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347A Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8347A
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347A Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8347A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
68
Freescale Semiconductor
MPH1_CLK/DR_CLK
B29
I
OVDD
USB Port 0
MPH0_D0_ENABLEN/
DR_D8_CHGVBUS
C29
I/O
OVDD
MPH0_D1_SER_TXD/
DR_D9_DCHGVBUS
A30
I/O
OVDD
MPH0_D2_VMO_SE0/
DR_D10_DPPD
E28
I/O
OVDD
MPH0_D3_SPEED/
DR_D11_DMMD
B30
I/O
OVDD
MPH0_D4_DP/
DR_D12_VBUS_VLD
C30
I/O
OVDD
MPH0_D5_DM/
DR_D13_SESS_END
A31
I/O
OVDD
MPH0_D6_SER_RCV/DR_D14
B31
I/O
OVDD
MPH0_D7_DRVVBUS/
DR_D15_IDPULLUP
C31
I/O
OVDD
MPH0_NXT/
DR_RX_ACTIVE_ID
B32
I
OVDD
MPH0_DIR_DPPULLUP/
DR_RESET
A32
I/O
OVDD
MPH0_STP_SUSPEND/
DR_TX_READY
A33
I/O
OVDD
MPH0_PWRFAULT/
DR_RX_VALIDH
C32
I
OVDD
MPH0_PCTL0/
DR_LINE_STATE0
D31
I/O
OVDD
MPH0_PCTL1/
DR_LINE_STATE1
E30
I/O
OVDD
MPH0_CLK/DR_RX_VALID
B33
I
OVDD
Programmable Interrupt Controller
MCP_OUT
AN33
O
OVDD
2
IRQ0/MCP_IN/GPIO2[12]
C19
I/O
OVDD
IRQ[1:5]/GPIO2[13:17]
C22, A22, D21, C21, B21
I/O
OVDD
IRQ[6]/GPIO2[18]/
CKSTOP_OUT
A21
I/O
OVDD
Table 54. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com