Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347A Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8347A
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347A Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8347A Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
71
PCI_SYNC_IN/PCI_CLOCK
AK12
I
OVDD
PCI_SYNC_OUT
AP11
O
OVDD
3
RTC/PIT_CLOCK
AM32
I
OVDD
CLKIN
AM9
I
OVDD
JTAG
TCK
E20
I
OVDD
TDI
F20
I
OVDD
4
TDO
B20
O
OVDD
3
TMS
A20
I
OVDD
4
TRST
B19
I
OVDD
4
Test
TEST
D22
I
OVDD
6
TEST_SEL
AL13
I
OVDD
7
PMC
QUIESCE
A18
O
OVDD
System Control
PORESET
C18
I
OVDD
HRESET
B18
I/O
OVDD
1
SRESET
D18
I/O
OVDD
2
Thermal Management
THERM0
K32
I
—9
Power and Ground Signals
AVDD1
L31
Power for
e300 PLL
(1.2 V)
AVDD1
AVDD2
AP12
Power for
system PLL
(1.2 V)
AVDD2
AVDD3
AE1
Power for
DDR DLL
(1.2 V)
—
AVDD4AJ13
Power for
LBIU DLL
(1.2 V)
AVDD4
Table 54. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com