Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347A Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8347A
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347A Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8347A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
82
Freescale Semiconductor
LVDD1
U20, W25
Power for
Three Speed
Ethernet #1
and for
Ethernet
Management
Interface I/O
(2.5V, 3.3V)
LVDD1
LVDD2
V20, Y23
Power for
Three Speed
Ethernet #2
I/O (2.5V,
3.3V)
LVDD2
VDD
J11, J12, J15, K10, K11, K12, K13, K14,
K15, K16, K17, K18, K19, L10, L11, L18,
L19, M10, M19, N10, N19, P9, P10, P19,
R10, R19, R20, T10, T19, U10, U19, V10,
V11, V18, V19, W11, W12, W13, W14, W15,
W16, W17, W18
Power for
Core
(1.2 V)
VDD
OVDD
B27, D3, D11, D19, E15, E23, F5, F8, F11,
F14, F17, F20, G24, H23, H24, J6, J14, J17,
J18, K4, L9, L20, L23, L25, M6, M9, M20,
P5, P20, P23, R6, R9, R24, U23, V4, V6
PCI, 10/100
Ethernet, and
other
Standard
(3.3 V)
OVDD
MVREF1
AF19
I
DDR
Reference
Voltage
MVREF2
AE10
I
DDR
Reference
Voltage
No Connection
NC
V1, V2, V5
Notes:
1. This pin is an open-drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OV
DD
2. This pin is an open-drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OV
DD.
3. During reset, this output is actively driven rather than three-stated.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull-up if the chip is in PCI host mode. Follow the PCI specifications.
6. .This pin must always be tied to GND
7. This pin must always be left not connected
8. Thermal sensitive resistor.
9. It is recommended that MDIC0 be tied to GRD using an 18
Ω resistor and MDIC1 be tied to DDR power using an 18 Ω
resistor.
Table 55. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com