Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRS Datasheet(PDF) 1 Page - IET Labs Inc.

Part # PRS
Description  Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

PRS Datasheet(HTML) 1 Page - IET Labs Inc.

  PRS Datasheet HTML 1Page - IET Labs Inc. PRS Datasheet HTML 2Page - IET Labs Inc. PRS Datasheet HTML 3Page - IET Labs Inc. PRS Datasheet HTML 4Page - IET Labs Inc. PRS Datasheet HTML 5Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
Programmable Resistance - Capacitance -
Inductance - RTD Decade Substituter
PRS-PCS-PLS-PRTD Series
Page 1 of 5
PRS Catalog Nov 2021
Broad range of programmable
laboratory grade decade substi-
tuters for applica•ons requiring a
cost-effec•ve, computer-controlled
decade resistance, capacitance and/
or inductance box. Manual control
via front panel and computer control
via RS-232, Ethernet or IEEE-488.2.
Features:
All Subs•tuters
• Manual control via thumbwheel switches
standard
• Op•onal RS-232, Ethernet or IEEE-488
Interfaces
• 1 to 10 Decades
• Benchtop or rack mount versions
PRS - Programmable Resistance
Substituter
The PRS Series of programmable re-
sistance substituters is a cost-effective
solution for a computer-controlled decade
box. Ideal for both laboratory and industrial
applications requiring highly reliable and
automated switching of resistance.
Features
• Resistance from 1 mΩ/step to
10 MΩ/step
• Accuracy: ±(0.01% + 15 mΩ) to
±(1% + 70 mΩ)
• Manganin wire for resistance values
< 1 Ω/step
• Precision metal film resistors for PRS-200
and PRS-201 for 1 Ω/step and over
• Sealed wirewound non-inductive resistors
for PRS-202 for 1 Ω/step to 100 kΩ/step
• Precision metal oxide film resistors for 1
MΩ and higher steps for PRS-202
PRTD - Programmable RTD Simulator
• Absolute reading, no "zero" resistance
correction required
• Resistance from 4 Ω to
1000 Ω/step
• Resolution: 0.001 Ω
PRS Programmable Resistance Subs•tuter with -D Digital Display and -RM
rack mount op•ons
• Accuracy: ±(0.02% + 10 mΩ)
PCS - Programmable Capacitance
Substituter
The PCS Series of programmable capaci-
tance substituters is ideal for both laboratory
and industrial applications requiring highly
reliable and automated switching of capaci-
tance.
Features
• Capacitance from 100 pF to 10 µF/step
• Accuracy: ±(0.5% + 3 pF) to
±(4% + 3 pF)
• 100 pF to 100 nF/Step decades utilize mica
capacitors
P L S
-
P r o g r a m m a b l e
I n d u c t a n c e
Substituter
The PLS Series of programmable inductance
substituters is ideal for both laboratory and
industrial applications requiring highly reli-
able and automated switching of capacitance.
The PLS is similar to the IET 1492 Decade
Inductor.
Features
• Inductance from 1 mH to 1H/step
• Accuracy: ± 2%
RESISTANCE - RTD
CAPACITANCE
INDUCTANCE
• Single or dual (two subs•tuters in one
chassis) versions
• Builttoordersocompletelyconfigurable
at no added cost
• Special and high power versions
available, contact IET Labs. with your
requirements.


Similar Part No. - PRS

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0512C POWER-SYSTEMS-PRS-0512C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
PRS-0515C POWER-SYSTEMS-PRS-0515C Datasheet
164Kb / 4P
DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
List of Unclassifed Man...
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
relay
logo
Festo Corporation.
PRS-1/4-2 FESTO-PRS-1/4-2 Datasheet
95Kb / 1P
Connection block
More results

Similar Description - PRS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400_15 Datasheet
252Kb / 1P
Resistance, Capacitance & Inductance Decade Boxes
logo
IET Labs Inc.
HACS-Z IET-HACS-Z Datasheet
353Kb / 4P
High Accuracy Capacitance Substituter
8-20-2015
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS IET-HARS Datasheet
309Kb / 2P
High Accuracy Decade Resistance Substituter
Feb. 2021
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com