Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C874 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 18Page - Advanced Micro Devices AM79C874 Datasheet HTML 19Page - Advanced Micro Devices AM79C874 Datasheet HTML 20Page - Advanced Micro Devices AM79C874 Datasheet HTML 21Page - Advanced Micro Devices AM79C874 Datasheet HTML 22Page - Advanced Micro Devices AM79C874 Datasheet HTML 23Page - Advanced Micro Devices AM79C874 Datasheet HTML 24Page - Advanced Micro Devices AM79C874 Datasheet HTML 25Page - Advanced Micro Devices AM79C874 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
Am79C874
P R E L I M INARY
10BASE-T Block
The Ne tPHY-1L P tran sceive r incor p orate s th e
10BASE-T physical layer functions, including clock re-
covery (ENDEC), MAUs, and transceiver functions.
The NetPHY-1LP transceiver receives 10-Mbps data
from the MAC, switch, or repeater across the MII at 2.5
million nibbles per second (parallel), or 10 million bits
per second (serial). It then Manchester encodes the
data before transmission to the network.
Refer to Figure 4 for the 10BASE-T transmit and re-
ceive data paths.
Figure 4.
10BASE-T Transmit /Receive Data Paths
Twisted Pair Transmit Process
In 10BASE-T mode, Manchester code will be gener-
ated by the 10BASE-T core logic, which will then be
synthesized through the output waveshaping driver.
This will help reduce any EMI emission, eliminating the
need for an external filter. Data transmission over the
10BASE-T medium requires use of the integrated
10BASE-T MAU and uses the differential driver cir-
cuitry on the TX± pins.
TX± is a differential twisted-pair driver. When properly
terminated, TX± meets the transmitter electrical re-
quirements for 10BASE-T transmitters as specified in
IEEE 802.3, Section 14.3.1.2. The load is a twisted pair
cable that meets IEEE 802.3, Section 14.4.
The TX± signal is filtered on the chip to reduce har-
monic content per Section 14.3.2.1 (10BASE-T). Since
filtering is performed in silicon, TX± can be connected
directly to a standard transformer. External filtering
modules are not needed
Twisted Pair Receive Process
In 10BASE-T mode, the signal first passes through a
third order Elliptical filter, which filters all the noise from
the cable, board, and transformer. This eliminates the
need for a 10BASE-T external filter. A Manchester de-
coder and a Serial-to-Parallel converter then follow to
generate the 4-bit nibble in MII mode.
RX+ ports are differential twisted-pair receivers. When
properly terminated, each RX+ port meets the electri-
cal requirements for 10BASE-T receivers as specified
in IEEE 802.3, Section 14.3.1.3. Each receiver has in-
ternal filtering and does not require external filter mod-
ules or common mode chokes.
Signals appearing at the RX± differential input pair are
routed to the internal decoder. The receiver function
meets the propagation delays and jitter requirements
specified by the 10BASE-T standard. The receiver
squelch level drops to half its threshold value after un-
squelch to allow reception of minimum amplitude sig-
nals and to mitigate carrier fade in the event of worst
case signal attenuation and crosstalk noise conditions.
Twisted Pair Interface Status
The NetPHY-1LP transceiver will power up in the Link
Fail state. The Auto-Negotiation algorithm will apply to
allow it to enter the Link Pass state. A link-pulse detec-
tion circuit constantly monitors the RX± pins for the
presence of valid link pulses. In the Link Pass state, re-
ceive activity which passes the pulse width/amplitude
requirements of the RX± inputs cause the PCS Control
block to assert Carrier Sense (CRS) signal at the MII
interface.
Collision Detect Function
Simultaneous activity (presence of valid data signals)
from both the internal encoder transmit function and
the twisted pair RX± pins constitutes a collision,
thereby causing the PCS Control block to assert the
COL pin at the MII.
Collisions cause the PCS Control block to assert the
Carrier Sense (CRS) and Collision (COL) signals at the
MII. In the Link Fail state, this block would cause the
PCS Control block to de-assert Carrier Sense (CRS)
and Collision (COL).
Jabber Function
The Jabber function inhibits the 10BASE-T twisted pair
transmit function of the NetPHY-1LP transceiver device
if the TX± circuits are active for an excessive period
(20-150 ms). This prevents one port from disrupting the
network due to a stuck-on or faulty transmitter condi-
tion. If the maximum transmit time is exceeded, the
data path through the 10BASE-T transmitter circuitry is
disabled (although Link Test pulses will continue to be
Clock
Data
Manchester
Encoder
Clock
Data
Manchester
Decoder
Squelch
Circuit
RX Driver
RX
±
TX
±
TX Driver
Loopback
(Register 0)
22235I-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com