Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C874 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 32Page - Advanced Micro Devices AM79C874 Datasheet HTML 33Page - Advanced Micro Devices AM79C874 Datasheet HTML 34Page - Advanced Micro Devices AM79C874 Datasheet HTML 35Page - Advanced Micro Devices AM79C874 Datasheet HTML 36Page - Advanced Micro Devices AM79C874 Datasheet HTML 37Page - Advanced Micro Devices AM79C874 Datasheet HTML 38Page - Advanced Micro Devices AM79C874 Datasheet HTML 39Page - Advanced Micro Devices AM79C874 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
36
Am79C874
P R E L I M INARY
Miscellaneous Features Register (Register 16)
Table 19.
Miscellaneous Features Register (Register 16)
Reg
Bit
Name
Description
Read/
Write
Default
16
15
Repeater
1= Repeater mode, full-duplex is inactive, and CRS only responds
to receive activity. SQE test function is also disabled.
RW
Set by
RPTR
16
14
INTR_LEVL
INTR will be active high if this register bit is set to 1. Pin requires
an external pull-down resistor.
INTR will be active low if this register bit is set to 0. Pin requires
an external pull-up resistor.
RW
0
16
13:12
Reserved
Write as 0, ignore when read.
RW
0
16
11
SQE Test Inhibit
1 = Disable 10BASE-T SQE testing.
0 = Enable 10BASE-T SQE testing. A COL pulse is generated
following the completion of a packet transmission.
RW
0
16
10
10BASE-T
Loopback
1 = Enable normal loopback in 10BASE-T mode.
0 = Disable normal loopback in 10BASE-T mode.
RW
1
16
9
GPIO_1 Data
When GPIO_1 DIR bit is set to 1, this bit reflects the value of the
GPIO[1] pin. When GPIO_1 DIR bit is set to 0, the value of this bit
will be presented on the GPIO[1] pin.
RW
0
16
8
GPIO_1 DIR
1 = GPIO[1] pin is an input.
0 = GPIO[1] pin is an output.
RW
1
16
7
GPIO_0 Data
When GPIO_0 DIR bit is set to 1, this bit reflects the value of the
GPIO[0] pin. When GPIO[0] DIR bit is set to 0, the value of this bit
will be presented on the GPIO[0] pin.
RW
0
16
6
GPIO_0 DIR
1 = GPIO[0] pin is an input.
0 = GPIO[0] pin is an output.
RW
1
16
5
Auto polarity
Disable
1 = Disable auto polarity detection/correction.
0 = Enable auto polarity detection/correction.
RW
0
16
4
Reverse Polarity
When Register 16.5 is set to 0, this bit will be set to 1 if reverse
polarity is detected on the media. Otherwise, it will be 0.
When Register 16.5 is set to 1, writing a 1 to this bit will reverse
the polarity of the transmitter.
Note: Reverse polarity is detected either through eight inverted
NLPs or through a burst of an inverted FLP.
RW
0
16
3:1
Reserved
Write as 0, ignore when read.
RO
0
16
0
Receive Clock
Control
Writing a 1 to this bit will shut off RX_CLK when incoming data is
not present and only if there is LINK present. RX_CLK will resume
activity one clock cycle prior to RX_DV going high, and shut off 64
clock cycles after RX_DV goes low.
A 0 indicates that RX_CLK runs continuously during LINK
whether data is received or not
In loopback and PCS bypass modes, writing to this bit does not
affect RX_CLK. Receive clock will be constantly active.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com