Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C874 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 42Page - Advanced Micro Devices AM79C874 Datasheet HTML 43Page - Advanced Micro Devices AM79C874 Datasheet HTML 44Page - Advanced Micro Devices AM79C874 Datasheet HTML 45Page - Advanced Micro Devices AM79C874 Datasheet HTML 46Page - Advanced Micro Devices AM79C874 Datasheet HTML 47Page - Advanced Micro Devices AM79C874 Datasheet HTML 48Page - Advanced Micro Devices AM79C874 Datasheet HTML 49Page - Advanced Micro Devices AM79C874 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
46
Am79C874
P R E L I M INARY
SWITCHING CHARACTERISTICS
Note: Parametric values are the same for commercial devices and industrial devices.
System Clock Signal
Figure 14.
Clock Signal
MLT-3 Signals
Figure 15.
MLT-3 Test Waveform
Symbol
Parameter Description
Min.
Max.
Unit
tCLK
REFCLK Period
39.998
40.002
ns
tCLKH
REFCLK Width HIGH
18
22
ns
tCLKL
REFCLK Width LOW
18
22
ns
tCLR
REFCLK Rise Time
-
5
ns
tCLF
REFCLK Fall Time
-
5
ns
Symbol
Parameter Description
Min.
Max.
Unit
tTXR
Rise Time of MLT-3 Signal
3.0
5.0
ns
tTXF
Fall Time of MLT-3 Signal
3.0
5.0
ns
tTXRFS
Rise Time and Fall Time Symmetry of MLT-3 Signal
-
5
%
tTXDCD
Duty Cycle Distortion Peak to Peak
-
0.5
ns
tTXJ
Transmit Jitter Using Scrambled Idle Signals
-
1.4
ns
tCLR
80%
20%
tCLF
tCLKH
tCLKL
tCLK
REFCLK
22235I-16
tTXR
tTXF
16 ns
TX
±
tXTDCD
tXTDCD
1
0
1
0
1
0
1
22235I-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com