Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C874 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 7Page - Advanced Micro Devices AM79C874 Datasheet HTML 8Page - Advanced Micro Devices AM79C874 Datasheet HTML 9Page - Advanced Micro Devices AM79C874 Datasheet HTML 10Page - Advanced Micro Devices AM79C874 Datasheet HTML 11Page - Advanced Micro Devices AM79C874 Datasheet HTML 12Page - Advanced Micro Devices AM79C874 Datasheet HTML 13Page - Advanced Micro Devices AM79C874 Datasheet HTML 14Page - Advanced Micro Devices AM79C874 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Am79C874
11
P R E L I M INARY
TX_ER/TXD[4]
Transmit Error
Input
When TX_ER is asserted, it will cause the 4B/5B en-
coding process to substitute the transmit error code-
group /H/ for the encoded data word.
This pin becomes the higher-order bit of the transmit 5-
bit code group in PCS bypass (PCSBP=HIGH) mode.
This input is ignored in the 10BASE-T operation.
TX_CLK/10TXCLK/PCSBPCLK
Transmit Clock
Output, High Impedance
A free-running clock which provides timing reference
for TX_EN, TX_ER, and TXD[3:0] signals. It is 25 MHz
in 100BASE-TX/FX and 2.5 MHz in 10BASE-T.
When 7-wire GPSI mode is enabled, this pin will pro-
vide a 10 MHz transmit clock for 10BASE-T operation.
When the cable is unplugged, the 10TXCLK ceases
operation.
When working in PCSBP mode, this pin will provide a
25 MHz clock for 100BASE-TX operation, and 20 MHZ
clock for 10BASE-T operation. TX_CLK is high imped-
ance when the ISO pin is enabled.
TX_EN/10TXEN
Transmit Enable
Input
The TX_EN pin is asserted by the MAC to indicate that
data is present on TXD[3:0].
When 7-wire 10BASE-T mode is enabled, this pin is the
transmit enable signal.
TXD[3:1]
Transmit Data
Input
The MAC will source TXD[3:1] to the PHY. The data will
be synchronous with TX_CLK when TX_EN is as-
serted. The PHY will clock in the data based on the ris-
ing edge of TX_CLK.
TXD[0]/10TXD
Transmit Data[0]/10 Mbps Transmit Data
Input
The MAC will source TXD[0] to the PHY. The data will
be synchronous with TX_CLK when TX_EN is as-
serted. The PHY will clock in the data based on the ris-
ing edge TX_CLK.
When 7-wire 10BASE-T mode is enabled, this pin will
transmit serial data.
COL/10COL
Collision
Output, High Impedance
COL is asserted high when a collision is detected on
the media. COL is also used for the SQE test function
in 10BASE-T mode.
10COL is asserted high when a collision is detected
during 7-wire interface mode.
CRS/10CRS
Carrier Sense
Output, High Impedance
CRS is asserted high when twisted pair media is non-
idle. This signal is used for both 10BASE-T and
100BASE-X. In full duplex mode, CRS responds only to
RX activity. In half duplex mode, CRS responds to both
RX and TX activity.
10CRS is used as the carrier sense output for the
7-wire interface mode.
Miscellaneous Functions
PCSBP
PCS Bypass
Input, Pull-Down
The 100BASE-TX PCS as well as scrambler/descram-
bler will be bypassed when PCSBP is pulled high via a
10 k
W resistor. TX_ER will become TXD[4] and RX_ER
will become RXD[4].
In 10 Mbps PCS bypass mode, the MII signals are not
valid. The signals that interface to the MAC (i.e.,
DECPC 21143) are located on pins 14 to 19. The sig-
nals are defined as follows:
— 10RXD± are the differential receive outputs to
the MAC.
— 10TXD± are the differential transmit inputs from
the MAC.
— 10TXD++/10TXD-- are the differential pre-
emphasis transmit outputs from the MAC.
When left unconnected, the device operates in MII or
GPSI mode.
ISODEF
Isolate Default
Input, Pull-Down
This pin is used when multiple PHYs are connected to
a single MAC. When it is pulled high via a 10 k
W resis-
tor, the MII interface will be high impedance. The status
of this pin will be latched into MII Register 0, bit 10 after
reset.
When this pin is left unconnected, the default condition
of the MII output pins are not in the high impedance
state.
ISO
Isolate
Input, Pull-Down
The MII output pins will become high impedance when
ISO is pulled high via a 10 k
W resistor. However, the MII
input pins will still respond to data. This allows multiple
PHYs to be attached to the same MII interface. The
same isolate condition can also be achieved by assert-
ing MII Register 0, bit 10. In repeater mode, ISO will not
tri-state the CRS pin.
When this pin is left unconnected, the MII output pins
are not in the high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com