Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS527-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS527-01 Datasheet HTML 1Page - Renesas Technology Corp ICS527-01 Datasheet HTML 2Page - Renesas Technology Corp ICS527-01 Datasheet HTML 3Page - Renesas Technology Corp ICS527-01 Datasheet HTML 4Page - Renesas Technology Corp ICS527-01 Datasheet HTML 5Page - Renesas Technology Corp ICS527-01 Datasheet HTML 6Page - Renesas Technology Corp ICS527-01 Datasheet HTML 7Page - Renesas Technology Corp ICS527-01 Datasheet HTML 8Page - Renesas Technology Corp ICS527-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 4
ICS527-01
REV G 051310
because of internal pull-ups) during Printed Circuit
Board layout, so the ICS527-01 automatically produces
the correct clock when all components are soldered. It
is also possible to connect the inputs to parallel I/O
ports in order to switch frequencies.
The output of the ICS527-01 can be determined by the
following simple equation:
Where:
Reference Divider Word (RDW) = 0 to 127
Feedback Divider Word (FDW) = 0 to 127
FB Frequency is the same as either CLK1 or
CLK2 depending on feedback connection
Also, the following operating ranges should be
observed:
S1 and S0 should be set for the frequency of CLK1,
according to the Frequency Range Table on page 2.
The device can be operated below the lower limits
stated in table 2, however, jitter and skew may be
higher. Therefore, if your expected output frequency
covers more than one frequency range, use the
setting for the highest frequency expected.
The dividers are expressed as integers. For example, if
a 50 MHz output on CLK1 is desired from a 40 MHz
input, the reference divider word (RDW) should be 2
and the feedback divider word (FDW) should be 3 which
gives the required 5/4 multiplication. Then R6:R0 is
0000010, F6:F0 is 0000011 and S1:S0 is 00. Also, this
example assumes CLK1 is connected to FBIN.S1:S0 is
set by referring to the Frequency Range Table. The
setting for 50 MHz is 00.
For assistance with configuring the device, please send
a description of your requirements using the “Technical
Support” link at www.idt.com.
FB Frequency
Input Frequency
FDW
2
+
RDW
2
+
------------------------
×
=
300kHz
Input Frequency
RDW
2
+
-------------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com