Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS527-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS527-01 Datasheet HTML 1Page - Renesas Technology Corp ICS527-01 Datasheet HTML 2Page - Renesas Technology Corp ICS527-01 Datasheet HTML 3Page - Renesas Technology Corp ICS527-01 Datasheet HTML 4Page - Renesas Technology Corp ICS527-01 Datasheet HTML 5Page - Renesas Technology Corp ICS527-01 Datasheet HTML 6Page - Renesas Technology Corp ICS527-01 Datasheet HTML 7Page - Renesas Technology Corp ICS527-01 Datasheet HTML 8Page - Renesas Technology Corp ICS527-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ICS527-01
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 1
ICS527-01
REV G 051310
Description
The ICS527-01 Clock Slicer is the most flexible way to
generate an output clock from an input clock with zero
skew. The user can easily configure the device to
produce nearly any output clock that is multiplied or
divided from the input clock. The part supports
non-integer multiplications and divisions. A SYNC
pulse indicates when the rising clock edges are aligned
with zero skew. Using Phase-Locked Loop (PLL)
techniques, the device accepts an input clock up to 200
MHz and produces an output clock up to 160 MHz.
The ICS527-01 aligns rising edges on ICLK and FBIN
at a ratio determined by the reference and feedback
dividers.
For configurable clocks that do not require zero delay,
use the ICS525.
Features
• Packaged as 28-pin SSOP (150 mil body)
• Synchronizes fractional clocks rising edges
• Pin configurable multiplication/division ratio
• Slices frequency or period
• SYNC pulse output indicates aligned edges
• Input clock frequency of 600 kHz to 200 MHz
• Output clock frequencies up to 160 MHz
• Very low jitter
• Duty cycle of 45/55 up to 160 MHz
• Operating voltage of 3.3V
• Pin selectable drive strength
• Multiple outputs available when combined with
fanout buffers
• Industrial temperature version available
• Pb (lead) free package
Block Diagram
ICLK
2xDRIVE
CLK1
CLK2
Reference
Divider
PLL
7
72
R6:R0
F6:F0
S1:S0
PDTS
Feedback
Divider
FBIN
1
0
Divide
by 2
SYNC
DIV2
Feedback can
come from
CLK1 or CLK2
(not both)
PDTS
OECLK2
PDTS
2
GND
2
VDD


Similar Part No. - ICS527-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
logo
Integrated Device Techn...
ICS527-01 IDT-ICS527-01 Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
More results

Similar Description - ICS527-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
Clock Slicer User Configurable PECL Input Zero Delay Buffer
Revision 022806
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
Clock Slicer User Configurable PECL Output Zero Delay Buffer
Revision 122804
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
Clock Slicer User Configurable PECL input Zero Delay Buffer
Revision 122804
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com