Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS527-01 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-01 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS527-01 Datasheet HTML 1Page - Renesas Technology Corp ICS527-01 Datasheet HTML 2Page - Renesas Technology Corp ICS527-01 Datasheet HTML 3Page - Renesas Technology Corp ICS527-01 Datasheet HTML 4Page - Renesas Technology Corp ICS527-01 Datasheet HTML 5Page - Renesas Technology Corp ICS527-01 Datasheet HTML 6Page - Renesas Technology Corp ICS527-01 Datasheet HTML 7Page - Renesas Technology Corp ICS527-01 Datasheet HTML 8Page - Renesas Technology Corp ICS527-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 5
ICS527-01
REV G 051310
Typical Example
The following connection diagram shows the implementation of the example from the previous section.
This will generate a 50 MHz clock synchronously with a 40 MHz input. A SYNC pulse is desired and the 1x
output drive is selected.T
Note: The series termination resistor is located before the feedback trace.
This will give the following waveforms:
Multiple Output Example
In this example, an input clock of 125 MHz is used. Eight copies of 50 MHz are required as are eight copies
of 25 MHz, de-skewed and aligned to the 125 MHz input clock. The following solution uses the
MK74CB218 which has dual 1 to 8 buffers with low pin-to-pin skew.
F6
ICLK
F5
F4
GND
F3
OECLK2
2XDRIVE
F0
F1
F2
CLK1
CLK2
GND
S1
VDD
R0
VDD
DIV2
S0
R2
R1
R5
R6
R4
R3
FBIN
PDTS
50 MHz
SYNC
33
33
0.01 F
40 MHz
0.01 F
VDD
40 MHz
ICLK
50 MHz
CLK1
SYNC
CLK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com