Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS527-01 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS527-01
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-01 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS527-01 Datasheet HTML 4Page - Renesas Technology Corp ICS527-01 Datasheet HTML 5Page - Renesas Technology Corp ICS527-01 Datasheet HTML 6Page - Renesas Technology Corp ICS527-01 Datasheet HTML 7Page - Renesas Technology Corp ICS527-01 Datasheet HTML 8Page - Renesas Technology Corp ICS527-01 Datasheet HTML 9Page - Renesas Technology Corp ICS527-01 Datasheet HTML 10Page - Renesas Technology Corp ICS527-01 Datasheet HTML 11Page - Renesas Technology Corp ICS527-01 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 9
ICS527-01
REV G 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
° C
Note 1: Assumes clocks with same rise time, measured from rising edges at VDD/2.
External Components
The ICS527-01 requires two 0.01 µF decoupling capacitors to be connected between VDD and GND, one
on each side of the chip. They must be connected close to the device to minimize lead inductance. No
external power supply filtering is required for this device. A 33
Ω series terminating resistor should be used
on the CLK1 and CLK2 output pins.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
0.6
200
MHz
Output Frequency, CLK1
FOUT
0 to +70
° C4
160
MHz
-40 to +85
° C4
140
MHz
CLK1 Frequency for Correct
SYNC Operation
66
MHz
Output Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Fall Time
tOF
2.0 to 0.8 V
1
ns
Output Clock Duty Cycle
tOD
Measured at VDD/2,
CL=15 pF
45
50
55
%
Power Down Time, PDTS low to
clocks tri-stated
50
ns
Power Up Time, PDTS high to
clocks stable
10
ms
Absolute Clock Period Jitter
tja
Deviation from mean
± 90
ps
One sigma Clock Period Jitter
tjs
40
ps
Skew of Output Clocks
tIO
CLK1 to CLK2, Note 1
-250
250
ps
Input Capacitance
CIN
4pF
Input to Output Skew
tIO
ICLK to FBIN, Note 1
-250
250
ps
Device to Device Skew
tpi
Common ICLK, at FBIN
0
500
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com