Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S031I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS853S031I
Description  Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S031I Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS853S031I Datasheet HTML 1Page - Renesas Technology Corp ICS853S031I Datasheet HTML 2Page - Renesas Technology Corp ICS853S031I Datasheet HTML 3Page - Renesas Technology Corp ICS853S031I Datasheet HTML 4Page - Renesas Technology Corp ICS853S031I Datasheet HTML 5Page - Renesas Technology Corp ICS853S031I Datasheet HTML 6Page - Renesas Technology Corp ICS853S031I Datasheet HTML 7Page - Renesas Technology Corp ICS853S031I Datasheet HTML 8Page - Renesas Technology Corp ICS853S031I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ICS853S031I Data Sheet
LOW SKEW, 1-TO-9, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S031BYI REVISION A AUGUST 17, 2011
4
©2011 Integrated Device Technology, Inc.
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCO = 2.375V to 3.465V; VEE = 0V, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = VCCO = 2.375V to 3.465V; VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V (LVPECL mode, VEE = 0V)
Negative Supply Voltage, VEE
-4.6V (ECL mode, VCC = 0V)
Inputs, VI (LVPECL mode)
-0.5V to VCC + 0.5V
Inputs, VI (ECL mode)
0.5V to VEE – 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Operating Temperature Range, TA
-40
°C to +85°C
Package Thermal Impedance,
θ
JA
71.4
°C/W (1 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
2.375
3.3
3.465
V
VCCO
Output Supply Voltage
2.375
3.3
3.465
V
IEE
Power Supply Current
70
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.3V
2.2
3.465
V
VCC = 2.5V
1.7
3.465
V
VIL
Input Low Voltage
VCC = 3.3V
-0.3
0.8
V
VCC = 2.5V
-0.3
0.7
V
IIH
Input
High Current
CLK_EN
VCC = VIN = 3.465V or 2.625V
10
µA
CLK_SEL
VCC = VIN = 3.465V or 2.625V
150
µA
IIL
Input
Low Current
CLK_EN
VCC = 3.465V or 2.625V, VIN = 0V
-150
µA
CLK_SEL
VCC = 3.465V or 2.625V, VIN = 0V
-10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com