Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S031I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS853S031I
Description  Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S031I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS853S031I Datasheet HTML 1Page - Renesas Technology Corp ICS853S031I Datasheet HTML 2Page - Renesas Technology Corp ICS853S031I Datasheet HTML 3Page - Renesas Technology Corp ICS853S031I Datasheet HTML 4Page - Renesas Technology Corp ICS853S031I Datasheet HTML 5Page - Renesas Technology Corp ICS853S031I Datasheet HTML 6Page - Renesas Technology Corp ICS853S031I Datasheet HTML 7Page - Renesas Technology Corp ICS853S031I Datasheet HTML 8Page - Renesas Technology Corp ICS853S031I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATA SHEET
ICS853S031BYI REVISION A AUGUST 17, 2011
1
©2011 Integrated Device Technology, Inc.
Low Skew, 1-to-9, Differential-to-3.3V,
2.5V LVPECL/ECL Fanout Buffer
ICS853S031I
General Description
The ICS853S031I is a low skew, high performance 1-to-9
Differential-to-2.5V/3.3V LVPECL/ECL Fanout Buffer. The
ICS853S031I has two selectable clock inputs. The CLK, nCLK pair
can accept most standard differential input levels. The PCLK, nPCLK
pair can accept LVPECL, LVDS, CML or SSTL input levels. The clock
enable is internally synchronized to eliminate runt pulses on the
outputs during asynchronous assertion/deassertion of the clock
enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS853S031I ideal for high performance workstation and server
applications.
Features
• Nine differential 2.5V, 3.3V LVPECL/ECL outputs
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL, SSTL
• PCLK, nPCLK supports the following input types: LVPECL, LVDS,
CML, SSTL
• Output frequency: 1.6GHz (maximum)
• Translates any single-ended input signal (LVCMOS, LVTTL, GTL)
to 3.3V LVPECL levels with resistor bias on nCLK or nPCLK
inputs
• Output skew: 20ps (typical)
• Part-to-part skew: 90ps (typical)
• Propagation delay: 885ps (typical), PCLK
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.465V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available lead-free (RoHS 6) package
Q0
nQ0
Q1
nQ1
CLK_SEL
CLK_EN
CLK
nCLK
0
1
Pulldown
Pullup
Pullup
Pulldown
Q2
nQ2
Q3
nQ3
PCLK
nPCLK
Pulldown
Pullup
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
D
LE
Q
9
10
11 12 13
14 15 16
32 31 30
29 28 27 26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCC
CLK
nCLK
CLK_SEL
PCLK
nPCLK
VEE
CLK_EN
VCCO
Q3
nQ3
Q4
nQ4
Q5
nQ5
VCCO
ICS853S031I
32-Lead LQFP
7mm x 7mm x 1.4
mm package body
Y Package
Top View
Pin Assignment
Block Diagram


Similar Part No. - ICS853S031I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S031I IDT-ICS853S031I Datasheet
1,005Kb / 22P
LVPECL/ECL Fanout Buffer
More results

Similar Description - ICS853S031I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B SEPTEMBER 16, 2004
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com