Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S031I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS853S031I
Description  Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S031I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS853S031I Datasheet HTML 2Page - Renesas Technology Corp ICS853S031I Datasheet HTML 3Page - Renesas Technology Corp ICS853S031I Datasheet HTML 4Page - Renesas Technology Corp ICS853S031I Datasheet HTML 5Page - Renesas Technology Corp ICS853S031I Datasheet HTML 6Page - Renesas Technology Corp ICS853S031I Datasheet HTML 7Page - Renesas Technology Corp ICS853S031I Datasheet HTML 8Page - Renesas Technology Corp ICS853S031I Datasheet HTML 9Page - Renesas Technology Corp ICS853S031I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ICS853S031I Data Sheet
LOW SKEW, 1-TO-9, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S031BYI REVISION A AUGUST 17, 2011
6
©2011 Integrated Device Technology, Inc.
Table 4E. LVPECL DC Characteristics, VCC = VCCO = 2.5V±5%; VEE = 0V, TA = -40°C to 85°C
NOTE: Input and output parameters vary 1:1 with VCC. This variation has been taken into account in the table above.
NOTE 1: Outputs terminated with 50
Ω to V
CCO – 2V.
NOTE 2: Common mode voltage is defined as VIH.
Table 4F. ECL DC Characteristics, VCC = 0V; VEE = -3.465V to -2.375V, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO – 2V.
NOTE 2: Common mode voltage is defined as VIH.
Symbol
Parameter
-40°C
25°C
85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output High Voltage; NOTE 1
1.34
1.58
1.76
1.34
1.58
1.77
1.34
1.56
1.79
V
VOL
Output Low Voltage; NOTE 1
0.65
0.81
0.99
0.65
0.78
1.00
0.65
0.77
1.02
V
VPP
Peak-to-Peak Input Voltage
0.15
0.8
1.3
0.15
0.8
1.3
0.15
0.8
1.3
V
VCMR
Input High Voltage Common
Mode Range; NOTE 2
1.2
VCC
1.2
VCC
1.2
VCC
V
VSWING
Output Voltage Swing
0.6
1.0
0.6
1.0
0.6
1.0
V
IIH
Input
High Current
PCLK
150
150
150
µA
nPCLK
10
10
10
µA
IIL
Input
Low Current
PCLK
-10
-10
-10
µA
nPCLK
-150
-150
-150
µA
Symbol
Parameter
-40°C
25°C
85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output High Voltage; NOTE 1
-1.16
-0.92
-0.74
-1.16
-0.92
-0.73
-1.16
-0.94
-0.71
V
VOL
Output Low Voltage; NOTE 1
-1.85
-1.69
-1.51
-1.85
-1.72
-1.5
-1.85
-1.73
-1.48
V
VPP
Peak-to-Peak Input Voltage
0.15
0.8
1.3
0.15
0.8
1.3
0.15
0.8
1.3
V
VCMR
Input High Voltage Common
Mode Range; NOTE 2
VEE+1.2
0
VEE+1.2
0
VEE+1.2
0
V
VSWING
Output Voltage Swing
0.6
1.0
0.6
1.0
0.6
1.0
V
IIH
Input
High Current
PCLK
150
150
150
µA
nPCLK
10
10
10
µA
IIL
Input
Low Current
PCLK
-10
-10
-10
µA
nPCLK
-150
-150
-150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com