Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5270VM100 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # PCF5270VM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5270VM100 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button PCF5270VM100 Datasheet HTML 27Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 28Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 29Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 30Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 31Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 32Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 33Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Mechanicals/Pinouts and Part Numbers
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
31
7.4
Package Dimensions—160 QFP
Figure 5 shows MCF5270/71CAB80 package dimensions.
Figure 5. 160 QFP Package Dimensions
TOP &
BOTTOM
Case 864A-03
D
N
F
J
BASE
METAL
SECTION B–B
DETAIL C
S
S
–C–
E
C
M×
U×
W
K
X
Q×
R
T
H
–H–
B
–A–, –B–, –D–
B
DETAIL A
G
P
S
S
S
S
A
S
L
Z
L
Y
DETAIL A
B
V
–A–
–B–
–H–
DETAIL C
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
T
U
V
W
X
Y
Z
27.90
28.10
1.098
1.106
27.90
28.10
1.098
1.106
3.35
3.85
0.132 1.106
3.35
3.85
0.009
0.015
0.22
0.38
0.009
0.013
0.22
0.33
0.126
0.138
3.20
3.50
0.65 BSC
0.026 REF
0.010
0.014
0.25
0.35
0.004
0.009
0.11
0.23
0.028
0.035
0.70
0.90
25.35 BSC
0.998 REF
5°
16°
5°
16°
0.004
0.007
0.11
0.19
0.325 BSC
0.013 REF
0°
7°
0°
7°
0.005 0.012
0.13
0.30
0.005
—
0.13
—
0°
—0°
—
31.00
31.40
1.220
1.236
S
31.00
31.40
1.220
1.236
0.016
—
0.4
—
1.60 REF
0.063 REF
1.33 REF
0.052 REF
1.33 REF
0.052 REF
NOTES
1. DIMENSIONING AND TOLERINCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER
3. DATUM PLAN -H- IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD WHERE
THE LEAD EXITS THE PLASTIC BODY AT THE
BOTTOM OF THE PARTING LINE.
4. DATUMS -A-, -B-, AND -D- TO BE DETERMINED AT
DATUM PLANE -H-.
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE -C-.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE DETERMINED
AT DATUM PLANE -H-.
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT.
0.110 (0.004)
A-B
D
C
0.13 (0.005) M
0.20 (0.008)
A-B
D
C
M
M
0.20 (0.008)
A-B
0.20 (0.008)
A-B
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com