Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5270VM100 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PCF5270VM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5270VM100 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PCF5270VM100 Datasheet HTML 1Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 2Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 3Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 4Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 5Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 6Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Features
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
5
— Data formats can be 5, 6, 7 or 8 bits with even, odd or no parity
— Up to 2 stop bits in 1/16 increments
— Error-detection capabilities
— Modem support includes request-to-send (URTS) and clear-to-send (UCTS) lines for two
UARTs
— Transmit and receive FIFO buffers
•I2C Module
— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, and keypads
— Fully compatible with industry-standard I2C bus
— Master or slave modes support multiple masters
— Automatic interrupt generation with programmable level
•
Queued Serial Peripheral Interface (QSPI)
— Full-duplex, three-wire synchronous transfers
— Up to four chip selects available
— Master mode operation only
— Programmable master bit rates
— Up to 16 pre-programmed transfers
•
Four 32-bit DMA Timers
— 20-ns resolution at 50 MHz
— Programmable sources for clock input, including an external clock option
— Programmable prescaler
— Input-capture capability with programmable trigger edge on input pin
— Output-compare with programmable mode for the output pin
— Free run and restart modes
— Maskable interrupts on input capture or reference-compare
— DMA trigger capability on input capture or reference-compare
•
Four Periodic Interrupt Timers (PITs)
— 16-bit counter
— Selectable as free running or count down
•
Software Watchdog Timer
— 16-bit counter
— Low power mode support
•
Frequency Modulated Phase Locked Loop (PLL)
— Crystal or external oscillator reference
— 8 to 25 MHz reference frequency for normal PLL mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com