Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5270VM100 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PCF5270VM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5270VM100 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PCF5270VM100 Datasheet HTML 5Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 6Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Features
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
9
system stack, or for storing FEC data buffers. Because the SRAM module is physically connected to the
processor's high-speed local bus, it can quickly service core-initiated accesses or memory-referencing
commands from the debug module.
The SRAM module is also accessible by the DMA and FEC non-core bus masters. The dual-ported nature
of the SRAM makes it ideal for implementing applications with double-buffer schemes, where the
processor and a DMA device operate in alternate regions of the SRAM to maximize system performance.
As an example, system performance can be increased significantly if Ethernet packets are moved from the
FEC into the SRAM (rather than external memory) prior to any processing.
3.6
Fast Ethernet Controller (FEC)
The MCF5271’s integrated Fast Ethernet Controller (FEC) performs the full set of IEEE 802.3/Ethernet
CSMA/CD media access control and channel interface functions. The FEC supports connection and
functionality for the 10/100 Mbps 802.3 media independent interface (MII). It requires an external
transceiver (PHY) to complete the interface to the media.
3.7
UARTs
The MCF5271 contains three full-duplex UARTs that function independently. The three UARTs can be
clocked by the system bus clock, eliminating the need for an externally supplied clock. They can use DMA
requests on transmit-ready and receive-ready as well as interrupt requests for servicing. Flow control is
only available on two of the UARTs.
3.8
I2C Bus
The I2C bus is a two-wire, bidirectional serial bus that provides a simple, efficient method of data
exchange, minimizing the interconnection between devices. This bus is suitable for applications requiring
occasional communications over a short distance between many devices.
3.9
QSPI
The queued serial peripheral interface module provides a high-speed synchronous serial peripheral
interface with queued transfer capability. It allows up to 16 transfers to be queued at once, eliminating CPU
intervention between transfers.
3.10 Cryptography
The superset device, MCF5271, incorporates small, fast, dedicated hardware accelerators for random
number generation, message digest and hashing, and the DES, 3DES, and AES block cipher functions
allowing for the implementation of common Internet security protocol cryptography operations with
performance well in excess of software-only algorithms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com