Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5270VM100 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # PCF5270VM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5270VM100 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button PCF5270VM100 Datasheet HTML 30Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 31Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 32Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 33Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 36Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 37Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Preliminary Electrical Characteristics
Freescale Semiconductor
34
8.3
DC Electrical Specifications
7
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
8
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
9
Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal
characterization parameter is written in conformance with Psi-JT.
10 Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal
characterization parameter is written in conformance with Psi-JT.
The average chip-junction temperature (TJ) in °C can be obtained from:
(1)
Where:
TA= Ambient Temperature, °C
Θ
JMA= Package Thermal Resistance, Junction-to-Ambient, °C/W
PD= PINT + PI/O
PINT= IDD × VDD, Watts - Chip Internal Power
PI/O= Power Dissipation on Input and Output Pins — User Determined
For most applications PI/O < PINT and can be ignored. An approximate relationship between PD
and TJ (if PI/O is neglected) is:
(2)
Solving equations 1 and 2 for K gives:
K = PD × (TA + 273 °C) + ΘJMA × PD
2 (3)
where K is a constant pertaining to the particular part. K can be determined from equation (3)
by measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and
TJ can be obtained by solving equations (1) and (2) iteratively for any value of TA.
Table 28. DC Electrical Specifications1
Characteristic
Symbol
Min
Typical
Max
Unit
Core Supply Voltage
VDD
1.35
—
1.65
V
Pad Supply Voltage
OVDD
3—
3.6
V
Input High Voltage
VIH
0.7 OVDD
—3.65
V
Input Low Voltage
VIL
VSS – 0.3
—
0.35 OVDD
V
Input Hysteresis
VHYS
0.06 OVDD
——
mV
Input Leakage Current
Vin = VDD or VSS, Input-only pins
Iin
–1.0
—
1.0
µA
T
J
T
A
P
D
Θ
JMA
×
()
+
=
P
D
KT
J
273
°C
+
()
÷
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com