| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 114 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 114 Page - Toshiba Semiconductor |
|
114 / 168 page ![]() Chapter 6 TX4955A System Interface 6-42 EOK EOK EOK EOK* (I) (I) (I) (I) Indicates an external agent accepts a processor request. An external agent has excepted the processor read/write command if and only if the following has occurred: AEOK EOK EOK EOK* is active. B The processor asserts PValid PValid PValid PValid* and drives a read or write command. EOK EOK EOK EOK* is asserted and the external agent accepts the processor command. Once the external agent has accepted a processor write command, the agent must be able to accept the entire data size at the programmed data rate immediately following this command. The external agent may provide read response data to the processor at any rate. Deasserting EOK may kill a processor read/write request in progress. If this occurs, the external agent must ignore command and data from the processor in the following cycle. Pro Cmd (Rd/Wr) Proc Address C B A SysAD SCycle SClock SysCmd EOK* PValid* Figure 6.3.8 Sample Cycle with EOK* Asserted Proc Address Pro Cmd (Wr) Proc Data Data Cmd D C B A SysAD SCycle SClock SysCmd EOK* PValid* Figure 6.3.9 Sample Cycle with EOK* Asserted, Then Deasserted AEOK EOK EOK EOK* is active. B Processor asserts PValid PValid PValid PValid* and drives a read or write command. EOK EOK EOK EOK* is deasserted (external agent has killed the processor’s command). C The external agent must ignore any SysAD and SysCmd data from the processor. D The external agent does not ignore any SysAD and SysCmd data from the processor. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |