| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 117 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 117 Page - Toshiba Semiconductor |
|
117 / 168 page ![]() Chapter 6 TX4955A System Interface 6-45 6.3.6 Arbitration The processor is the default master of the bus. It relinquishes ownership of the bus either when an external agent requests and is granted the system interface, or until the processor issues a read request. The transition from processor master to processor slave state is arbitrated by the processor, using the System interface handshake signals EReq EReq EReq EReq* and PMaster PMaster PMaster PMaster*. When a processor read request is pending, the processor transitions to slave state by deasserting PMaster PMaster PMaster PMaster*, allowing an external agent to return the read response data. The processor remains in slave state until the external agent issues an End Of Data read response, whereupon the processor reassumes mastership, signalled by the assertion of PMaster PMaster PMaster PMaster*. Note that an external agent is able to retain mastership of the bus after an End Of Data read response if the external agent arbitrates for mastership using EReq EReq EReq EReq*. When the processor is master, an external agent acquires control of the system interface by asserting EReq EReq EReq EReq*, and waiting for the processor to deassert PMaster PMaster PMaster PMaster*. The processor is ready to enter slave state when it deasserts PMaster PMaster PMaster PMaster*. The external agent must go through a three-step arbitration process (see the EReq EReq EReq EReq* cycle in the Timing Summary) before driving the bus. Once the external agent has become master through EReq EReq EReq EReq* arbitration, it can remain master as long as it continues to assert EReq EReq EReq EReq*. The System interface returns to master state (with the processor driving the bus) two cycles after EReq EReq EReq EReq* is deasserted. Figure 6.3.13 illustrates an arbitration for external requests. External agent command External agent data 812 611 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EReq* PMaster* Figure 6.3.13 External Request Arbitration When an external agent is master, it may always respond to a read with data. If the external agent has become master by EReq EReq EReq EReq*, it may issue transactions at will; that is, the processor must always accept any command or data on the bus at any time. There is no means for the processor to hold off the external agent once the external agent is master. If the processor is in slave state and needs the bus,wait untile the external agent EReq* deasserted. Thereafter, when the processor sees EReq EReq EReq EReq* deasserted, it resumes bus ownership, asserts the PMaster PMaster PMaster PMaster* line, and issues its own command. The processor becomes master and drives the bus two cycles after EReq EReq EReq EReq* is deasserted. An illustration of a processor request for bus mastership and the release of the bus by the external agent is illustrated in Figure 6.3.14. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |