| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 118 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 118 Page - Toshiba Semiconductor |
|
118 / 168 page ![]() Chapter 6 TX4955A System Interface 6-46 Processor command agent command agent data External External Processor address/data 812 611 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EOK* EReq* PMaster* Figure 6.3.14 Processor Request For Bus Arbitration And External Agent Release Upon assertion of Reset Reset Reset Reset* or ColdReset ColdReset ColdReset ColdReset*, the processor becomes bus master and the external agent must become slave. This protocol guarantees that either the processor or an external agent is always bus master. The master should never tristate the bus, except when giving up ownership of the bus under the rules of the protocol. 6.3.7 Issuing Commands When the processor is master of the bus and wishes to issue a command, it cannot successfully issue the command until the external agent signals that it is ready to accept it. This readiness is indicated by assertion of the EOK EOK EOK EOK* signal. Being master, the processor may place the command on the bus and continually reissue it while waiting for EOK EOK EOK EOK* to be asserted; however, the command is not considered issued until EOK EOK EOK EOK* has been asserted for two consecutive cycle (see the Timing Summary for EOK EOK EOK EOK* earlier in this chapter). If the EOK EOK EOK EOK* signal is asserted in one cycle and then deasserted in the next, during which time a command is issued, that command is considered killed and must be retried. When a command is killed in this way, the processor begins to execute the read/write command. This action must be ignored by the external agent. If a write command is killed, the data cycle following this killed transaction must be ignored. If a read is killed, the processor releases the bus one cycle after and (assuming no EReq EReq EReq EReq*) regains mastership two cycles later. This allows the processor to retry the transaction. 6.3.8 Processor Write Request A processor write request is issued by the following: • driving a write command on the SysCmd bus • driving a write address on the SysAD bus • asserting PValid PValid PValid PValid* for one cycle • driving the appropriate number of data identifiers on the SysCmd bus • driving data on the SysAD bus • asserting PValid PValid PValid PValid* |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |