| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 120 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 120 Page - Toshiba Semiconductor |
|
120 / 168 page ![]() Chapter 6 TX4955A System Interface 6-48 6.3.9 Processor Read Request A processor read request is issued by the following: • driving a read command on the SysCmd bus • driving a read address on the SysAD bus • asserting PValid PValid PValid PValid* Only one processor read request may be pending at a time. The processor must wait for an external read response before starting a subsequent read. The processor moves to slave state after the issue cycle of the read request, by deasserting the PMaster PMaster PMaster PMaster* signal. An external agent may then return the requested data through a read response. The external agent, which is now bus master, may issue any number of writes before sending the read response data. An example of a processor read request and an uncompelled change to slave state occurring as the read request is issued is illustrated in Figure 6.3.17. Read Addr 812 611 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EOK* PValid* PMaster* Figure 6.3.17 Processor Read Request The TX4955A support the Read Time Out Function. This Function is when the retern data wait but the time out counter. See chapter 6.3.20 Mode Register of System Interface (G2SConfig). 6.3.10 External Write Request External write requests are similar to a processor single write except that the signal EValid is asserted instead of the signal PValid PValid PValid PValid*. An external write request consists of the following: • an external agent driving a write command on the SysCmd bus and a write address on the SysAD bus • asserting EValid EValid EValid EValid* for one cycle • driving a data identifier on the SysCmd bus and data on the SysAD bus • asserting EValid EValid EValid EValid* for one cycle. The data identifier associated with the data cycle must contain a last data cycle indication. Note that the external agent must gain and maintain bus mastership during these transactions (see EReq EReq EReq EReq* in the Timing Summary, earlier in this chapter). An external write request example with the processor initially in master state is illustrated in Figure 6.3.18. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |