Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS5D21 Datasheet(PDF) 51 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 51 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 47Page - Sumida Corporation CMS5D21 Datasheet HTML 48Page - Sumida Corporation CMS5D21 Datasheet HTML 49Page - Sumida Corporation CMS5D21 Datasheet HTML 50Page - Sumida Corporation CMS5D21 Datasheet HTML 51Page - Sumida Corporation CMS5D21 Datasheet HTML 52Page - Sumida Corporation CMS5D21 Datasheet HTML 53Page - Sumida Corporation CMS5D21 Datasheet HTML 54Page - Sumida Corporation CMS5D21 Datasheet HTML 55Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 156 page
background image
51
LC-128
Application
1. Portable equipment
: Max. 500kHz
: 1.5W (100kHz), 3.6W (300kHz), 5.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
LC-14
Application
1. Drive for fluorescent display tube
2. Portable equipment
: Max. 300kHz
: 1.3W (100kHz), 3.8W (300kHz)
Operating Freq
Max. Operating Power
Specifications
EE808
Application
1. Switching regulator
2. Transfomer for heat regulator
3. Portable equipment
: Max. 300kHz
: 2.5W (300kHz)
Operating Freq
Max. Operating Power
Specifications
LC-15
Application
1. Drive for fluorescent display tube
2. Portable equipment
: Max. 300kHz
: 2.7W (100kHz), 6.5W (300kHz)
Operating Freq
Max. Operating Power
Specifications
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
36˚
Max. Ø15.0
3.5
Max. 10.0
36˚
2.5
Max. 8.5
Max. Ø13.0
36˚
Max. Ø14.5
3.5
Max. 6.6
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
EE1011PS
Application
1. Camera
: Max. 500kHz
: 2.5W (100kHz), 6.0W (300kHz), 8.9W (500kHz)
Operating Freq
Max. Operating Power
Specifications
8.0
2.9
Max. 12.5
Max. 10.8
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
NEW
Max. 8.7
Max.9.0
3.5
6.0
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com