Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS5D21 Datasheet(PDF) 71 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 71 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 67Page - Sumida Corporation CMS5D21 Datasheet HTML 68Page - Sumida Corporation CMS5D21 Datasheet HTML 69Page - Sumida Corporation CMS5D21 Datasheet HTML 70Page - Sumida Corporation CMS5D21 Datasheet HTML 71Page - Sumida Corporation CMS5D21 Datasheet HTML 72Page - Sumida Corporation CMS5D21 Datasheet HTML 73Page - Sumida Corporation CMS5D21 Datasheet HTML 74Page - Sumida Corporation CMS5D21 Datasheet HTML 75Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 156 page
background image
71
CPUDL294
CEIDL377
CEIDL369
Inverter Transformers
High Reliability Inverter Transformers
OUTLINE
The leakage transformer has a special core that allows for co-axial winding.
Suitable for large LCD panel, and complies to customer needs of high open voltage and high lamp wattage.
Inverter transformer corresponding to multiple CCFL lamps driving for large LCD TV application.
It is possible to drive 2 CCFLs in 1 transformer. No ballast capacitor is required.
DIMENSIONS (mm)
LAND PATTERNS (mm)
DIMENSIONS (mm)
LAND PATTERNS (mm)
DIMENSIONS (mm)
LAND PATTERNS (mm)
Specifications
CPUDL294
CEIDL377
CEIDL369
3.0W x 2
7.5W x 2
10W x 2
35kHz - 70kHz
35kHz - 65kHz
40kHz - 65kHz
1,500Vrms
1,500Vrms (1,800Vrms, 3sec)
1,600Vrms (1,800Vrms, 3sec)
Type Name
Frequency Range
Max. Open Voltage
Max. Lamp Wattage
Inverter Transformers < High Reliability Inverter Transformers >
1.6
1.6
6-3.0
9.3
9.3
4.6
5-3.0
14-0.9
5-3.0
4.2
5.3
9.9
9.9
9.3 4.6 9.3
Max. 30.4
Max. 5.7
7-0.8
6-3.0
4-0.7
Max. 37.8
Max. 7.5
0.35
10.3
4-1.0
4.2 10.3
3.7
10.3
10.3
1.6
1.6
2.8
2.8
3.7
4.2
Max.10.5
4-3.0
4-3.0
4.2
Max. 36.0
10-0.8
9.9
7.3
9.9
4-2.8
4-2.8
10-1.0
/ 概要
独自の磁気構造とコアキシャル(同軸)巻き線を採用したリーケージ型インバータトランス。
大型液晶パネルに最適で、高開放電圧・高管電力に対応。
大型液晶モニタ(TV)バックライト電源の多灯点灯に対応したインバータトランス。
1トランスで、CCFL2灯点灯可能なバラストコンデンサ不要型。
外形寸法図
推奨ランド寸法
外形寸法図
推奨ランド寸法
外形寸法図
推奨ランド寸法
/ 仕様
型名
適応周波数
最大開放電圧
最大管電力



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com