Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS5D21 Datasheet(PDF) 78 Page - Sumida Corporation

Part # CMS5D21
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS5D21 Datasheet(HTML) 78 Page - Sumida Corporation

Back Button CMS5D21 Datasheet HTML 74Page - Sumida Corporation CMS5D21 Datasheet HTML 75Page - Sumida Corporation CMS5D21 Datasheet HTML 76Page - Sumida Corporation CMS5D21 Datasheet HTML 77Page - Sumida Corporation CMS5D21 Datasheet HTML 78Page - Sumida Corporation CMS5D21 Datasheet HTML 79Page - Sumida Corporation CMS5D21 Datasheet HTML 80Page - Sumida Corporation CMS5D21 Datasheet HTML 81Page - Sumida Corporation CMS5D21 Datasheet HTML 82Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 156 page
background image
78
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 100kHz
: 900Vrms
: 2.5W
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 300kHz
: 1,200Vrms
: 4.0W
DIMENSIONS (mm)
TYPE
SPECIFICATIONS
CONSTRUCTION
LC158
SEP-16
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 100kHz
: 1,800Vrms (3sec)
: 7.0W
EEH158
PROVISIONAL
About EEH158
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Max. ø15.5
3.0
45°
30°
Max. 9.0
5-2.5
3.0
11.6
Max. 17.0
Max.15.8
Max.8.5
3.4
7.4
2.8
2.6
2.6
6-0.5
±0.1
Inverter Transformers
外形寸法図
型名
仕様
磁気構造図
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com