Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCR1021 Datasheet(PDF) 79 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 79 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 75Page - Sumida Corporation SCR1021 Datasheet HTML 76Page - Sumida Corporation SCR1021 Datasheet HTML 77Page - Sumida Corporation SCR1021 Datasheet HTML 78Page - Sumida Corporation SCR1021 Datasheet HTML 79Page - Sumida Corporation SCR1021 Datasheet HTML 80Page - Sumida Corporation SCR1021 Datasheet HTML 81Page - Sumida Corporation SCR1021 Datasheet HTML 82Page - Sumida Corporation SCR1021 Datasheet HTML 83Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 156 page
background image
79
OUTLINE
IV26120
DIMENSIONS (mm)
DIMENSIONS (mm)
Inverter Units
Inverter unit for powering CCFL in various sizes of panels.
各種パネルサイズに適応した標準CCFL駆動用インバータユニット。
Input Voltage
Input Current
Output Current
Oscillation Frequency
Light Adjustment Voltage
Output Open Voltage
Vin
Iin
Iout
Fosc
Vpwm
Vopen
Vin = 12.0V, Ta = 25
°C, BRT= 3.3V
10.4
-
5.3
48
0
1.5
V
A
mArms
kHz
V
KVrms
Parameter
Unit
Symbol
Condition
Specifications
min.
12
0.4
6.0
58
TBD
-
typ.
13.2
-
6.7
68
3.3 ~ 5.0
-
max.
Input Voltage
Input Current
Output Current
Oscillation Frequency
Light Adjustment Voltage
Output Open Voltage
Vin
Iin
Iout
Fosc
Vpwm
Vopen
Vin = 12.0V, Ta = 25
°C, BRT= 3.3V
10.4
-
5.0
40
0
1.03
V
A
mArms
kHz
V
KVrms
Parameter
Unit
Symbol
Condition
Specifications
min.
12
(0.9)
5.5
45
TBD
-
typ.
13.2
-
6.0
50
3.3 ~ 5.0
-
max.
IV30180
Inverter Units
115.0
180.0
80.0
155.0
5.0
20.0
120.0
2-Ø2.2
3-Ø3.5
/ 概要
外形寸法図
外形寸法図
• Electrical characteristic example /
電気的特性例:10.4inch 1CCFL type
項目
単位
記号
入力電圧
入力電流
出力電流
発振周波数
調光電圧
出力開放電圧
測定条件
仕様
*使用コネクタ:入力 53261-0571(Molex) 出力 SM02B-BHSS-1-TB(JST)
• Electrical characteristic example /
電気的特性例:2CCFL type
項目
単位
記号
入力電圧
入力電流
出力電流
発振周波数
調光電圧
出力開放電圧
測定条件
仕様
*使用コネクタ:入力 S5B-PH-SM4-TB(LF)(SN) JST 出力 SM02(8.0)B-BHS-1-TB(LF)(SN) JST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com