Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCR1021 Datasheet(PDF) 28 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 28 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 24Page - Sumida Corporation SCR1021 Datasheet HTML 25Page - Sumida Corporation SCR1021 Datasheet HTML 26Page - Sumida Corporation SCR1021 Datasheet HTML 27Page - Sumida Corporation SCR1021 Datasheet HTML 28Page - Sumida Corporation SCR1021 Datasheet HTML 29Page - Sumida Corporation SCR1021 Datasheet HTML 30Page - Sumida Corporation SCR1021 Datasheet HTML 31Page - Sumida Corporation SCR1021 Datasheet HTML 32Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 156 page
background image
28
DC-DC Converter Transformers < Transformers for UP-Down or Up Converter >
*A Saturation Current 1,3 : This indicates the value of D.C. current when the inductance decreases to 90% of its initial value.(Ta=20
°C)
*B Saturation Current 2,4 : This indicates the value of D.C. current when the inductance decreases to 90% of its initial value.(Ta=100
°C)
*C Temperature Rise Current 5,6 : The actual current when temperature of coil increases up to Max.
∆T=40°C.(Ta=20°C)
Other
TYPE : CLS125, CLS127
Parts
No.
L
(H)
CLS125
Saturation Current (A)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
Condition1
Condition1
*A
Condition2*B Condition3*A Condition4*B
Condition5
Condition6
Measuring Freq: (L)/インダクタンス測定周波数
CLS125
100kHz
100kHz
Tolerance of Inductance/インダクタンス公差
CLS125
1.2
µH-110µH±30%(N)
CLS127
Saturation Current (A)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
*A
Condition2*B Condition3*A Condition4*B
Condition5
Condition6
1R2
1.2
µ
1R3
1.3
µ
2R0
2.0
µ
2R1
2.1
µ
3R0
3.0
µ
3R2
3.2
µ
5R6
5.6
µ
5R8
5.8
µ
7R0
7.0
µ
7R4
7.4
µ
110
11
µ
150
15
µ
230
23
µ
380
38
µ
500
50
µ
750
75
µ
760
76
µ
111
110
13.0
12.0
6.8
6.0
10.3
4.65
10.2
8.8
5.3
4.6
9.84
4.10
8.5
7.4
4.5
3.8
8.8
4.08
6.4
5.5
3.0
2.6
6.9
3.25
5.7
4.8
2.9
2.5
6.6
2.88
5.5
4.0
2.2
1.8
4.62
2.2
4.8
3.9
1.8
1.5
4.3
1.92
2.9
2.7
1.7
1.4
3.35
1.53
2.6
2.2
1.3
1.1
2.8
1.3
2.2
2.0
900m
800m
2.16
1.0
1.8
1.5
800m
700m
1.78
800m
1.4
1.3
700m
600m
1.5
720m
17.4
15.0
9.6
8.4
10.2
5.4
14.4
12.3
7.8
6.6
9.3
4.6
12.0
9.6
7.4
6.3
9.0
4.3
9.9
8.0
4.8
3.9
7.0
3.4
7.8
6.9
3.6
2.8
6.4
3.2
7.0
6.2
3.2
2.6
4.6
2.1
5.6
4.8
2.9
2.3
4.0
1.8
4.0
3.8
2.2
1.8
3.3
1.4
3.4
3.0
1.8
1.4
2.8
1.3
3.0
2.4
1.6
1.3
2.17
1.0
2.4
2.1
1.4
1.1
1.8
800m
2.0
1.8
1.0
900m
1.6
700m
CLS127
CLS127
1.3
µH-110µH±30%(N)
• SEPIC converter characteristic
Efficiency Comparison (CLS6D28)
Power comparison by SEPIC Circuit
6
5
4
3
2
1
0
2.5
2
3
4
3.5
5
5.5
4.5
Vin (V)
6
5
4
3
2
1
0
2.5
2
3
4
3.5
5
5.5
4.5
Vin (V)
CLS4D18
CLS4D23B
CLS4D28B
CLS6D18
CLS6D23
CLS6D28
CLS8D23
CLS8D28
• SEPIC converter schematic
Vin(2.5~6V)
Vo(3.3V)
T1
L1
C1
L2
C2
C1、C2:10
µF(ceramic capacitor)
D
/ SEPICコンバータの回路図
90
80
70
60
50
40
0.0
0.2
0.4
0.6
0.8
1.0
ηvs.Io (Vin=3V/Vo=3.3V)
Io(A)
90
80
70
60
50
40
0.0
0.2
0.4
0.6
0.8
1.0
ηvs.Io (Vin=5V/Vo=3.3V)
Io(A)
SEPIC
zeta
Flyback
(CLS6D28)
(CLS6D28)
(CLQ7D27)
(L1,L2 : 5
µH)
(L1,L2 : 10
µH)
Temperature
Rise Current (A)*C
Temperature
Rise Current (A)*C
/ その他
*A 直流重畳許容電流1,3 : 直流電流を流した時、インダクタンスが初期値の90%以上となる電流値とする。(Ta=20℃)
*B 直流重畳許容電流2,4 : 直流電流を流した時、インダクタンスが初期値の90%以上となる電流値とする。(Ta=100℃)
*C 温度上昇実力電流5,6 : 直流電流を流した時、コイルの温度上昇が△T=40℃以下となる電流の実力値とする。(Ta=20℃)
/ 特性例
効率比較
SEPIC回路での電力比較
DC-DC Converter Transformers < Transformers for UP-Down or Up Converter >
1. The power supply for LCD TV and Car navigation
1. The power supply for LCD TV and Car navigation
Application
Application
BOTTOM VIEW
CLS125
CLS127
PROVISIONAL
BOTTOM VIEW
1
4
2
3
/ 裏面図
1
4
2
3
3.0 5.0
3.0 5.0
Max. 6.0
12.0
3.2
Max. 12.7
Max. 8.0
12.0
3.2
Max. 12.7
LAND PATTERNS (mm)
LAND PATTERNS (mm)
DIMENSIONS (mm)
CONNECTION
CONSTRUCTION
DIMENSIONS (mm)
CONNECTION
CONSTRUCTION
About CLS127
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
1. 液晶テレビ、カーナビ用の電源
1. 液晶テレビ、カーナビ用の電源
/ 用途
/ 用途
/ 裏面図
磁気構造図
外形寸法図
推奨ランド寸法
端子接続
磁気構造図
外形寸法図
推奨ランド寸法
端子接続
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com