Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7614-6002 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 7614-6002
Description  E2 emulator Lite RTE0T0002LKCE00000R User’s Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7614-6002 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 7614-6002 Datasheet HTML 22Page - Renesas Technology Corp 7614-6002 Datasheet HTML 23Page - Renesas Technology Corp 7614-6002 Datasheet HTML 24Page - Renesas Technology Corp 7614-6002 Datasheet HTML 25Page - Renesas Technology Corp 7614-6002 Datasheet HTML 26Page - Renesas Technology Corp 7614-6002 Datasheet HTML 27Page - Renesas Technology Corp 7614-6002 Datasheet HTML 28Page - Renesas Technology Corp 7614-6002 Datasheet HTML 29Page - Renesas Technology Corp 7614-6002 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
E2 Lite
Troubleshooting (Action in Case of an Error)
R20UT3240EJ0300 Rev.3.00
Page 26 of 36
May.15.20
3. Troubleshooting (Action in Case of an Error)
3.1
How to Solve a Trouble
The following describes how to solve a trouble when any problem occurs before the emulator debugger
starts after power has been supplied to the emulator and the user system. For the latest information on the
emulator and emulator debugger, visit Renesas Electronics’ development environment Web site
(http://www.renesas.com/tools).
3.1.1
The ACTIVE LED does not flash or light up
(1) Power is turned off
This means that the E2 Lite is in an unusable state for some reason. Check the following:
Whether the E2 Lite and the host machine are connected with the USB interface cable.
Whether the power for the host machine is turned on.
3.1.2
Unconnectable with the debugger
(1) Check the connection between the emulator and the target MCU.
For details, refer to the additional document for user’s manual for the E1/E20 emulator or E2 emulator
Lite which corresponds to the target MCU.
Whether the emulator and the target device are connected correctly.
Whether the connected signal lines are pulled up to the power supply or down to GND properly.
(2) Check to see that the target MCU is in a ready state.
The operating clock of the target MCU is on (= oscillating).
The target MCU is supplied with power properly.
The target MCU has been reset and is ready to go.
3.2
How to Request Support
After checking the items in “Troubleshooting”, contact us from the following URL.
http://www.renesas.com/contact/
For prompt response, please specify the following information:
(1) Operating environment
•
Name of the target device:
•
Operating frequency:
[MHz]
•
Operating mode:
[Mode]
(2) Condition
•
The emulator debugger starts up / does not start up
•
Frequency of errors: always / frequency (
)
(3) Problem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com