Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC-300C..7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UC-300C..7 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Emitters with Quick Disconnect (4-pin Euro-Style)
All Other Models with Quick Disconnect (4-pin Euro-Style)
bn
wh
bu
+
bk
10-30V dc
bn
wh
bu
+
bk
Load
Load
10-30V dc
The output type for all models is Bipolar NPN/PNP; load 150 mA max., each output.
Sensor Mounting and Alignment
MINI-BEAM sensors perform most reliably if they are properly aligned and securely mounted.
For maximum mechanical stability, mount MINI-BEAM sensors through 18 mm diameter holes by their threaded barrel (where
available), or use a mounting bracket. A complete selection of mounting brackets is available. Visit http://
www.bannerengineering.com or contact Banner Engineering for information on mounting options.
Begin with line-of-sight positioning of the MINI-BEAM sensor to its emitter (opposed-mode sensing) or to its target (all other sensing
modes). When using a retroreflective sensor, the target is the retroreflector (“retro target”). For diffuse or convergent sensing modes,
the target is the object to be detected.
Apply power to the sensor (and to the emitter, if using the opposed mode). Advance the 15-turn Gain control to maximum (clockwise
end of rotation) using a small flat-blade screwdriver. The Gain control is clutched at both ends to avoid damage and will “free-wheel”
when either endpoint is reached.
If the MINI-BEAM sensor is receiving its light signal, the red LED Alignment indicator will be ON and flashing at a rate proportional to
the signal strength (faster = more signal). Move the sensor (or retro target, if applicable) up-down-right-left (including angular
rotation) to find the center of the movement zone within which the LED indicator remains ON. Reducing the Gain setting reduces the
size of the movement zone for more precise alignment.
Repeat the alignment motions after each Gain reduction. When optimum alignment is achieved, mount sensor(s) (and the retro
target, if applicable) solidly in that position. Increase the Gain to maximum.
Test the sensor by placing the object to be detected in the sensing position, then removing it. The Alignment indicator LED should
come ON when the sensing beam is established (Light condition) or be ON when the beam is broken (Dark condition). If the
Alignment indicator LED stays ON for both sensing conditions, consider the following tips for each sensing mode.
Opposed Mode Alignment
Object
Emitter
Receiver
Flooding occurs when a portion of the sensing beam passes
around the object to be sensed. Burn-through occurs when a
portion of the emitter’s light energy passes through a thin or
translucent object, and is sensed by the receiver.
To correct either problem, do one or more of the following to
reduce the light energy:
Reduce the Gain adjustment on the receiver
Add an aperture to one or both lenses (MINI-BEAM
apertures, available from Banner, fit neatly inside the
lens assembly)
Intentionally misalign the emitter and receiver
Note:
Light condition: sensor output is ON
when there is no object in the beam
Dark condition: sensor output is ON
when there is an object in the beam
MINI-BEAM® DC Voltage Series Sensor
P/N 69943 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com