Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC-300C..7 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 12Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 13Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Accessories
4-Pin Euro-Style Cordsets
4-Pin Threaded M12 Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
2 m (6.56 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Unused
MQDC-415
5 m (16.4 ft)
MQDC-430
9 m (29.5 ft)
MQDC-450
15 m (49.2 ft)
MQDC-406RA
2 m (6.56 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
1
2
3
4
MQDC-415RA
5 m (16.4 ft)
MQDC-430RA
9 m (29.5 ft)
MQDC-450RA
15 m (49.2 ft)
Mounting Brackets
SMB46L
Right-angle
L bracket
14-ga. 316 stainless steel
Hole center spacing: A = 16.0
Hole size: A = 16.5 × 18.7
65
54
27
A
SMB46S
Right-angle
S bracket
14-ga. 316 stainless steel
Hole center spacing: A = 16.0
Hole size: A = 16.5 × 18.7, B = 34.0 ×
10.0
54
27
65
16
A
B
SMB46U
Right-angle
U bracket for sensor
protection
14-ga. 316 stainless steel
Hole center spacing: A = 16.0
Hole size: A = 16.5 × 18.7, B = 34.0 ×
13.0
70
54
65
A
B
SMB18A
Right-angle mounting
bracket with a curved slot
for versatile orientation
12-ga. stainless steel
18 mm sensor mounting
hole
Clearance for M4 (#8)
hardware
30
41
46
A
B
C
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17.0 × 4.6, C = ø 18.5
SMB18AFA..
Protective, swivel bracket
with tilt and pan movement
for precision adjustment
Easy sensor mounting to
extruded rail T-slots
Metric and inch size bolts
available
Mounting hole for 18 mm
sensors
51
51
44
3/8-16
UNC
X 2 in.
ø19.8
ø18.1
Hole size: B = ø 18.1
Model
Bolt Thread (A)
SMB18AFA
3/8 - 16 × 2 in
SMB18AFAM10
M10 - 1.5 × 50
SMB18Q
Right-angle flanged bracket
18 mm sensor mounting
hole
12-ga. stainless steel
41
46
A
B
30
C
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17.0 × 4.6, C = ø 19.0
MINI-BEAM® DC Voltage Series Sensor
P/N 69943 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com