Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC-300C..7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UC-300C..7 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
Self-contained photoelectric sensors
10 to 30 V DC with bipolar NPN/PNP outputs
Signal strength or output indicator
2 m or 9 m integral cable, or Euro-style quick-disconnect fitting
18 mm threaded lens mount on some models
WARNING:
Do not use this device for personnel protection
Using this device for personnel protection could result in serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A device failure or malfunction can cause either an energized (on) or de-
energized (off) output condition.
Models
Integral 2 m (6.5 ft) unterminated cable models are listed.
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, SM31EW/30.
To order the 4-pin M12/Euro-style QD models, add the suffix “QD” to the model number. For example, SM31EQD.
To order the 150 mm (6 in) cable with QD, add the suffix “QDP” to the model number. For example, SM31EQDP.
To order a 0.3 ms response time model, add the suffix “MHS” to the model number. For example, SM31EMHS.
Sensing Mode
Range
LED
Model
OPPOSED
Opposed Emitter
3 m (10 ft)
Infrared, 880 nm
SM31E
Opposed Receiver
SM31R
Opposed Emitter - Long Range
30 m (100 ft)
SM31EL
Opposed Receiver - Long Range
SM31RL
OPPOSED
Opposed Emitter - Clear Plastic Detection
0 to 300 mm (0 to 12 in) Actual range varies,
depending on the light transmission properties
of the plastic material being sensed.
Visible red, 650 nm
SM31EPD
Opposed Receiver - Clear Plastic Detection
SM31RPD
RETRO
Non-Polarized Retroreflective
5 m (15 ft)
SM312LV
P
POLAR RETRO
Polarized Retroreflective
55 mm to 2 m (2 in to 7 ft)
SM312LVAG
Extended-Range Polarized Retroreflective
10 mm to 3 m (0.4 in to 10 ft)
SM312LP
DIFFUSE
Diffuse
380 mm (15 in)
Infrared, 880 nm
SM312D
300 mm (12 in)
SM312DBZ
Divergent Diffuse
130 mm (5 in)
SM312W
CONVERGENT
Convergent
16 mm (0.65 in) Focus
SM312C
43 mm (1.7 in) Focus
SM312C2
MINI-BEAM® DC Voltage Series Sensor
Original Document
69943 Rev. G
21 March 2022
69943


Similar Part No. - UC-300C..7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC-300C.7 ETC2-UC-300C.7 Datasheet
257Kb / 8P
Self-contained AC-operated Convergent Mode Sensors
More results

Similar Description - UC-300C..7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL50 ETC2-DL50 Datasheet
92Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
SM312WQD ETC2-SM312WQD Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
SM312LVMHS ETC2-SM312LVMHS Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
QS30 BANNER-QS30 Datasheet
315Kb / 2P
QS30 Series Sensor(DC Voltage)
SME312 BANNER-SME312 Datasheet
1Mb / 13P
MINI-BEAM SME312 Expert Series
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com