Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC-300C..7 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  UC-300C..7 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Installing Plastic Fibers on a MINI-BEAM
Follow these instructions to install plastic fibers into your sensor. MINI-BEAMS may have either a fiber gripper or a clamp screw.
MINI-BEAM and ECONO-BEAM sensors for use with plastic fiber optic assemblies include sensors with the letters FP in their model
number.
Figure 1. MINI-BEAM with fiber grippers
Trimmed fiber
control ends
Plastic fiber
Emitter port
Plastic fiber
Receiver port
Gripper
Unlock
Lock
Adapters for
0.25- and 0.5-mm fibers
Sensor Face
Figure 2. MINI-BEAM with clamp screws
Slide Fibers & Bushings
into Ports
Fiber Bushings
(supplied with fiber)
MINI-BEAM "FP1" Sensor
Unterminated Plastic Fibers
Sensor Face
Tighten Clamp Screw
to Secure Fiber
0.25"
1. Prepare the sensor ends of the fibers (see Cut the Plastic Fiber on page 5).
2. Prepare the sensor for the fibers.
For models with a fiber gripper: Unlock the fiber gripper as shown in the figure and apply the appropriate fiber adaptors
to the fiber, if needed.
For models with a clamp screw: Loosen the clamp screw on the sensor face.
3. Insert the plastic fibers.
For models with a fiber gripper: Gently insert the prepared fiber ends into the ports as far as they will go.
For models with a clamp screw: Align the fiber ends flush with the ends of the bushings as shown. Hold the bushings to
the fibers and slide both into the sensor ports. Push the fiber an additional 1 inch through the bushing.
4. Lock in the fibers.
For models with a fiber gripper: Slide the fiber gripper back to lock, as shown in the figure.
For models with a clamp screw: Tighten the clamp screw to secure the fibers.
Cut the Plastic Fiber
An unterminated plastic fiber is designed to be cut by the customer to the length required for the application. To facilitate cutting, a
Banner model PFC-4 cutting device is supplied with this fiber.
1. Locate the non-terminated end, and determine the length of fiber required for the
application.
2. Lift the top of the cutter to open the cutting ports.
3. Insert the non-terminated end through one of the four large cutting ports on the
PFC-4 cutter so that the excess fiber protrudes from the back of the cutter.
4. Double-check the fiber length, and close the cutter until the fiber is cut.
5. Gently wipe the cut ends of the fiber with a clean, dry cloth to remove any
contamination.
Note: Do not use solvents or abrasives on any exposed optical
fiber. Do not use a cutting port more than once. The blade may tend
to dull after one cut.
Installing the Glass Fibers in MINI-BEAMs
O-ring
Retaining Clip
MINI-BEAM® DC Voltage Series Sensor
P/N 69943 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com