Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 26 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 26 Page - SPANSION

Back Button S71GS256 Datasheet HTML 22Page - SPANSION S71GS256 Datasheet HTML 23Page - SPANSION S71GS256 Datasheet HTML 24Page - SPANSION S71GS256 Datasheet HTML 25Page - SPANSION S71GS256 Datasheet HTML 26Page - SPANSION S71GS256 Datasheet HTML 27Page - SPANSION S71GS256 Datasheet HTML 28Page - SPANSION S71GS256 Datasheet HTML 29Page - SPANSION S71GS256 Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 195 page
background image
26
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
Current is reduced for the duration of the RESET# pulse. When RESET# is held
at VSS±0.3 V, the device draws CMOS standby current (ICC5). If RESET# is held
at VIL but not within VSS±0.3 V, the standby current will be greater.
The RESET# pin may be tied to the system reset circuitry. A system reset would
thus also reset the Flash memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
Refer to the AC Characteristics tables for RESET# parameters and to Figure 13
for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins
are placed in the high impedance state.
Table 2. Sector Address Table–S29GL512N
Sector
A24–A16
Sector Size
(Kbytes/
Kwords)
Address Range
(in hexadecimal)
SA0
0
0
0
0
0
0
0
0
0
128/64
0000000–000FFFF
SA1
0
0
0
0
0
0
0
0
1
128/64
0010000–001FFFF
SA2
0
0
0
0
0
0
0
1
0
128/64
0020000–002FFFF
SA3
0
0
0
0
0
0
0
1
1
128/64
0030000–003FFFF
SA4
0
0
0
0
0
0
1
0
0
128/64
0040000–004FFFF
SA5
0
0
0
0
0
0
1
0
1
128/64
0050000–005FFFF
SA6
0
0
0
0
0
0
1
1
0
128/64
0060000–006FFFF
SA7
0
0
0
0
0
0
1
1
1
128/64
0070000–007FFFF
SA8
0
0
0
0
0
1
0
0
0
128/64
0080000–008FFFF
SA9
0
0
0
0
0
1
0
0
1
128/64
0090000–009FFFF
SA10
0
0
0
0
0
1
0
1
0
128/64
00A0000–00AFFFF
SA11
0
0
0
0
0
1
0
1
1
128/64
00B0000–00BFFFF
SA12
0
0
0
0
0
1
1
0
0
128/64
00C0000–00CFFFF
SA13
0
0
0
0
0
1
1
0
1
128/64
00D0000–00DFFFF
SA14
0
0
0
0
0
1
1
1
0
128/64
00E0000–00EFFFF
SA15
0
0
0
0
0
1
1
1
1
128/64
00F0000–00FFFFF
SA16
0
0
0
0
1
0
0
0
0
128/64
0100000–010FFFF
SA17
0
0
0
0
1
0
0
0
1
128/64
0110000–011FFFF
SA18
0
0
0
0
1
0
0
1
0
128/64
0120000–012FFFF
SA19
0
0
0
0
1
0
0
1
1
128/64
0130000–013FFFF
SA20
0
0
0
0
1
0
1
0
0
128/64
0140000–014FFFF
SA21
0
0
0
0
1
0
1
0
1
128/64
0150000–015FFFF
SA22
0
0
0
0
1
0
1
1
0
128/64
0160000–016FFFF
SA23
0
0
0
0
1
0
1
1
1
128/64
0170000–017FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com