Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 58 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 58 Page - SPANSION

Back Button S71GS256 Datasheet HTML 54Page - SPANSION S71GS256 Datasheet HTML 55Page - SPANSION S71GS256 Datasheet HTML 56Page - SPANSION S71GS256 Datasheet HTML 57Page - SPANSION S71GS256 Datasheet HTML 58Page - SPANSION S71GS256 Datasheet HTML 59Page - SPANSION S71GS256 Datasheet HTML 60Page - SPANSION S71GS256 Datasheet HTML 61Page - SPANSION S71GS256 Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 195 page
background image
58
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
Password Sector Protection
The Password Sector Protection method allows an even higher level of security
than the Persistent Sector Protection method. There are two main differences be-
tween the Persistent Sector Protection and the Password Sector Protection
methods:
When the device is first powered on, or comes out of a reset cycle, the PPB
Lock Bit is set to the locked state, or the freeze state, rather than cleared to
the unlocked state, or the unfreeze state.
The only means to clear and unfreeze the PPB Lock Bit is by writing a unique
64-bit Password to the device.
The Password Sector Protection method is otherwise identical to the Persistent
Sector Protection method.
A 64-bit password is the only additional tool utilized in this method.
The password is stored in a one-time programmable (OTP) region outside of the
flash memory. Once the Password Protection Mode Lock Bit is set, the password
is permanently set with no means to read, program, or erase it. The password is
used to clear and unfreeze the PPB Lock Bit. The Password Unlock command must
be written to the flash, along with a password. The flash device internally com-
pares the given password with the pre-programmed password. If they match, the
PPB Lock Bit is cleared to the “unfreezed state”, and the PPB bits can be altered.
If they do not match, the flash device does nothing. There is a built-in 2 µs delay
for each “password check” after the valid 64-bit password has been entered for
the PPB Lock Bit to be cleared to the “unfreezed state”. This delay is intended to
thwart any efforts to run a program that tries all possible combinations in order
to crack the password.
Password and Password Protection Mode Lock Bit
In order to select the Password Sector Protection method, the customer must first
program the password. The factory recommends that the password be somehow
correlated to the unique Electronic Serial Number (ESN) of the particular flash de-
vice. Each ESN is different for every flash device; therefore each password should
be different for every flash device. While programming in the password region,
the customer may perform Password Read operations. Once the desired pass-
word is programmed in, the customer must then set the Password Protection
Mode Lock Bit. This operation achieves two objectives:
1. It permanently sets the device to operate using the Password Protection Mode.
It is not possible to reverse this function.
2. It also disables all further commands to the password region. All program, and
read operations are ignored.
Both of these objectives are important, and if not carefully considered, may lead
to unrecoverable errors. The user must be sure that the Password Sector Protec-
tion method is desired when programming the Password Protection Mode Lock
Bit. More importantly, the user must be sure that the password is correct when
the Password Protection Mode Lock Bit is programmed. Due to the fact that read
operations are disabled, there is no means to read what the password is after-
wards. If the password is lost after programming the Password Protection Mode
Lock Bit, there will be no way to clear and unfreeze the PPB Lock Bit. The Pass-
word Protection Mode Lock Bit, once programmed, prevents reading the 64-bit
password on the DQ bus and further password programming. The Password Pro-
tection Mode Lock Bit is not erasable. Once Password Protection Mode Lock Bit is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com