Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7392EBZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7392EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7392EBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7392EBZ Datasheet HTML 29Page - Analog Devices ADV7392EBZ Datasheet HTML 30Page - Analog Devices ADV7392EBZ Datasheet HTML 31Page - Analog Devices ADV7392EBZ Datasheet HTML 32Page - Analog Devices ADV7392EBZ Datasheet HTML 33Page - Analog Devices ADV7392EBZ Datasheet HTML 34Page - Analog Devices ADV7392EBZ Datasheet HTML 35Page - Analog Devices ADV7392EBZ Datasheet HTML 36Page - Analog Devices ADV7392EBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 33 of 96
Table 22. Register 0x5E to Register 0x6E
SR7 to
Bit Number
Register
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Setting
Value
0
Disabled
0x00
ED/HD CGMS Type B
Enable.
1
Enabled
0
Disabled
ED/HD CGMS Type B
CRC Enable.
1
Enabled
0x5E
ED/HD CGMS Type B
Register 0
ED/HD CGMS Type B
Header Bits.
H5
H4
H3
H2
H1
H0
H5 to H0
0x5F
ED/HD CGMS Type B
Register 1
ED/HD CGMS Type B
Data Bits.
P7
P6
P5
P4
P3
P2
P1
P0
P7 to P0
0x00
0x60
ED/HD CGMS Type B
Register 2
ED/HD CGMS Type B
Data Bits.
P15
P14
P13
P12
P11
P10
P9
P8
P15 to P8
0x00
0x61
ED/HD CGMS Type B
Register 3
ED/HD CGMS Type B
Data Bits.
P23
P22
P21
P20
P19
P18
P17
P16
P23 to P16
0x00
0x62
ED/HD CGMS Type B
Register 4
ED/HD CGMS Type B
Data Bits.
P31
P30
P29
P28
P27
P26
P25
P24
P31 to P24
0x00
0x63
ED/HD CGMS Type B
Register 5
ED/HD CGMS Type B
Data Bits.
P39
P38
P37
P36
P35
P34
P33
P32
P39 to P32
0x00
0x64
ED/HD CGMS Type B
Register 6
ED/HD CGMS Type B
Data Bits.
P47
P46
P45
P44
P43
P42
P41
P40
P47 to P40
0x00
0x65
ED/HD CGMS Type B
Register 7
ED/HD CGMS Type B
Data Bits.
P55
P54
P53
P52
P51
P50
P49
P48
P55 to P48
0x00
0x66
ED/HD CGMS Type B
Register 8
ED/HD CGMS Type B
Data Bits.
P63
P62
P61
P60
P59
P58
P57
P56
P63 to P56
0x00
0x67
ED/HD CGMS Type B
Register 9
ED/HD CGMS Type B
Data Bits.
P71
P70
P69
P68
P67
P66
P65
P64
P71 to P64
0x00
0x68
ED/HD CGMS Type B
Register 10
ED/HD CGMS Type B
Data Bits.
P79
P78
P77
P76
P75
P74
P73
P72
P79 to P72
0x00
0x69
ED/HD CGMS Type B
Register 11
ED/HD CGMS Type B
Data Bits.
P87
P86
P85
P84
P83
P82
P81
P80
P87 to P80
0x00
0x6A
ED/HD CGMS Type B
Register 12
ED/HD CGMS Type B
Data Bits.
P95
P94
P93
P92
P91
P90
P89
P88
P95 to P88
0x00
0x6B
ED/HD CGMS Type B
Register 13
ED/HD CGMS Type B
Data Bits.
P103
P102
P101
P100
P99
P98
P97
P96
P103 to P96
0x00
0x6C
ED/HD CGMS Type B
Register 14
ED/HD CGMS Type B
Data Bits.
P111
P110
P109
P108
P107
P106
P105
P104
P111 to P104
0x00
0x6D
ED/HD CGMS Type B
Register 15
ED/HD CGMS Type B
Data Bits.
P119
P118
P117
P116
P115
P114
P113
P112
P119 to P112
0x00
0x6E
ED/HD CGMS Type B
Register 16
ED/HD CGMS Type B
Data Bits.
P127
P126
P125
P124
P123
P122
P121
P120
P127 to P120
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com