Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7392EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7392EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7392EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7392EBZ Datasheet HTML 41Page - Analog Devices ADV7392EBZ Datasheet HTML 42Page - Analog Devices ADV7392EBZ Datasheet HTML 43Page - Analog Devices ADV7392EBZ Datasheet HTML 44Page - Analog Devices ADV7392EBZ Datasheet HTML 45Page - Analog Devices ADV7392EBZ Datasheet HTML 46Page - Analog Devices ADV7392EBZ Datasheet HTML 47Page - Analog Devices ADV7392EBZ Datasheet HTML 48Page - Analog Devices ADV7392EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 45 of 96
FEATURES
OUTPUT OVERSAMPLING
The ADV739x include an on-chip phase-locked loop (PLL) that
allows for oversampling of SD, ED, and HD video data. By
default, the PLL is disabled. The PLL can be enabled using
Subaddress 0x00, Bit 1 = 0.
Table 35 shows the various oversampling rates supported in the
ADV739x.
ED/HD NONSTANDARD TIMING MODE
Subaddress 0x30, Bits[7:3] = 00001
For any ED/HD input data that does not conform to
the standards listed in the ED/HD input mode table
(Subaddress 0x30, Bits[7:3]), the ED/HD nonstandard
timing mode can be used to interface to the ADV739x.
ED/HD nonstandard timing mode can be enabled by
setting Subaddress 0x30, Bits[7:3] to 00001.
A clock signal must be provided on the CLKIN pin. HSYNC
and VSYNC must be toggled by the user to generate the
appropriate horizontal and vertical synchronization pulses on
the analog output from the encoder. Figure 61 illustrates the
various output levels that can be generated. Table 36 lists the
transitions required to generate the various output levels.
Embedded EAV/SAV timing codes are not supported in
ED/HD nonstandard timing mode.
The user must ensure that appropriate pixel data is applied to
the encoder where the blanking level is expected at the output.
Macrovision (ADV7390/ADV7392 only) and output
oversampling are not available in ED/HD nonstandard timing
mode. The PLL must be disabled (Subaddress 0x00, Bit 1 = 1) in
ED/HD nonstandard timing mode.
ACTIVE VIDEO
ANALOG
OUTPUT
a
b
c
b
b
a = TRI-LEVEL SYNCHRONIZATION PULSE LEVEL.
b = BLANKING LEVEL/ACTIVE VIDEO LEVEL.
c = SYNCHRONIZATION PULSE LEVEL.
BLANKING LEVEL
Figure 61. ED/HD Nonstandard Timing Mode Output Levels
Table 35. Output Oversampling Modes and Rates
Input Mode
(0x01, Bits[6:4])
PLL and Oversampling
Control (0x00, Bit 1)
SD/ED Oversample Rate
Select (0x0D, Bit 3)
HD Oversample Rate
Select (0x31, Bit 1)
Oversampling Mode
and Rate
000
SD
1
x
x
SD (2×)
000
SD
0
1
x
SD (8×)
000
SD
0
0
x
SD (16×)
001/010
ED
1
x
x
ED (1×)
001/010
ED
0
1
x
ED (4×)
001/010
ED
0
0
x
ED (8×)
001/010
HD
1
x
x
HD (1×)
001/010
HD
0
x
1
HD (2×)
001/010
HD
0
x
0
HD (4×)
111
ED (at 54 MHz)
1
x
x
ED (@ 54 MHz) (1×)
111
ED (at 54 MHz)
0
1
x
ED (@ 54 MHz) (4×)
111
ED (at 54 MHz)
0
0
x
ED (@ 54 MHz) (8×)
Table 36. ED/HD Nonstandard Timing Mode Synchronization Signal Generation
Output Level Transition1
HSYNC
VSYNC
b
→ c
1
→ 0
1
→ 0 or 02
c
→ a
0
0
→ 1
a
→ b
0
→ 1
1
c
→ b
0
→ 1
0
1 a = Tri-level synchronization pulse level; b = blanking level/active video level; c = synchronization pulse level. See Figure 61.
2 If VSYNC = 1, it should transition to 0. If VSYNC = 0, it should remain at 0. If tri-level synchronization pulse generation is not required, VSYNC should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com