Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7392EBZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7392EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7392EBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7392EBZ Datasheet HTML 59Page - Analog Devices ADV7392EBZ Datasheet HTML 60Page - Analog Devices ADV7392EBZ Datasheet HTML 61Page - Analog Devices ADV7392EBZ Datasheet HTML 62Page - Analog Devices ADV7392EBZ Datasheet HTML 63Page - Analog Devices ADV7392EBZ Datasheet HTML 64Page - Analog Devices ADV7392EBZ Datasheet HTML 65Page - Analog Devices ADV7392EBZ Datasheet HTML 66Page - Analog Devices ADV7392EBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 63 of 96
0
–80
–70
–60
–50
–40
–30
–20
–10
0
–30
–60
–90
–120
–150
–180
–210
–240
1M
10M
100M
FREQUENCY (Hz)
CIRCUIT FREQUENCY RESPONSE
1G
GROUP DELAY (Seconds)
PHASE (Degrees)
MAGNITUDE (dB)
21n
18n
15n
12n
9n
6n
3n
0
24n
Figure 89. Output Filter Plot for SD, 16× Oversampling
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1M
10M
100M
1G
FREQUENCY (Hz)
CIRCUIT FREQUENCY RESPONSE
MAGNITUDE (dB)
GROUP DELAY (Seconds)
PHASE
(Degrees)
320
240
160
80
0
–80
–160
–240
480
400
14n
12n
10n
8n
6n
4n
2n
0
18n
16n
Figure 90. Output Filter Plot for ED, 8× Oversampling
0
–50
1
FREQUENCY (MHz)
CIRCUIT FREQUENCY RESPONSE
10
100
–10
–20
–30
–40
200
–200
120
40
–40
–120
GROUP DELAY (Seconds)
PHASE
(Degrees)
MAGNITUDE (dB)
Figure 91. Output Filter Plot for HD, 4× Oversampling
PRINTED CIRCUIT BOARD (PCB) LAYOUT
The ADV739x is a highly integrated circuit containing both
precision analog and high speed digital circuitry. It has been
designed to minimize interference effects on the integrity of the
analog circuitry by the high speed digital circuitry. It is imperative
that these same design and layout techniques be applied to the
system-level design so that optimal performance is achieved.
The layout should be optimized for lowest noise on the
ADV739x power and ground planes by shielding the digital
inputs and providing good power supply decoupling.
It is recommended to use a 4-layer printed circuit board with
ground and power planes separating the signal trace layer and
the solder side layer.
Component Placement
Component placement should be carefully considered to
separate noisy circuits, such as clock signals and high speed
digital circuitry from analog circuitry.
The external loop filter components and components connected
to the COMP and RSET pins should be placed as close as possible
to and on the same side of the PCB as the ADV739x. Adding
vias to the PCB to get the components closer to the ADV739x is
not recommended.
It is recommended that the ADV739x be placed as close as
possible to the output connector, with the DAC output traces as
short as possible.
The termination resistors on the DAC output traces should be
placed as close as possible to and on the same side of the PCB as
the ADV739x. The termination resistors should overlay the
PCB ground plane.
External filter and buffer components connected to the DAC
outputs should be placed as close as possible to the ADV739x to
minimize the possibility of noise pickup from neighboring
circuitry, and to minimize the effect of trace capacitance on
output bandwidth. This is particularly important when
operating in low drive mode (RSET = 4.12 kΩ, RL = 300 Ω).
Power Supplies
It is recommended that a separate regulated supply be provided
for each power domain (VAA, VDD, VDD_IO, and PVDD). For
optimal performance, linear regulators rather than switch mode
regulators should be used. If switch mode regulators must be
used, care must be taken with regard to the quality of the output
voltage in terms of ripple and noise. This is particularly true for
the VAA and PVDD power domains. Each power supply should be
individually connected to the system power supply at a single
point through a suitable filtering device, such as a ferrite bead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com