Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5537GL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5537GL Datasheet HTML 2Page - Leadtrend Technology LD5537GL Datasheet HTML 3Page - Leadtrend Technology LD5537GL Datasheet HTML 4Page - Leadtrend Technology LD5537GL Datasheet HTML 5Page - Leadtrend Technology LD5537GL Datasheet HTML 6Page - Leadtrend Technology LD5537GL Datasheet HTML 7Page - Leadtrend Technology LD5537GL Datasheet HTML 8Page - Leadtrend Technology LD5537GL Datasheet HTML 9Page - Leadtrend Technology LD5537GL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD5537
09/07/2015
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
PARAMETER
CONDITIONS
Symbol
MIN
TYP
MAX
UNITS
Input impedance
*
ZIN
1
M
Delay to Output
*
TD
50
100
ns
OVP CS pin
OVP Trip Current Level
VCS_OVP
0.276
0.3
0.324
V
De-bounce Cycle
TDE_OVP
8
Cycle
Oscillator for Switching Frequency
Frequency, FREQ
Normal mode
FSW
62
65
68
kHz
Peak mode
FSW_PK
123
130
137
kHz
Green Mode Frequency, FREQG
Green mode
FSW_GM
20
23
26
kHz
Swapping Frequency
FSWAP
±6
%
Temp. Stability
*, (-20
C ~ 85C)
TSTAB
0
5
%
Voltage Stability
*, (VCC=11V ~ 25V)
VSTAB
0
1
%
V
Frequency
130kHz
65kHz
23kHz
Normal mode
Burst mode
4.2V
4.0V
2.95V
2.45V
1.7V~1.8V
COMP
Duty %
0.68V
0.62V
50%
20%
VCS_OCP
Fig. 1 VCOMP vs. PWM Frequency
Fig. 2
Duty vs. OCP level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com