Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5537GL Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD5537GL Datasheet HTML 8Page - Leadtrend Technology LD5537GL Datasheet HTML 9Page - Leadtrend Technology LD5537GL Datasheet HTML 10Page - Leadtrend Technology LD5537GL Datasheet HTML 11Page - Leadtrend Technology LD5537GL Datasheet HTML 12Page - Leadtrend Technology LD5537GL Datasheet HTML 13Page - Leadtrend Technology LD5537GL Datasheet HTML 14Page - Leadtrend Technology LD5537GL Datasheet HTML 15Page - Leadtrend Technology LD5537GL Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LD5537
09/07/2015
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the
COMP pin of the LD5537.
Similar to UC3842, the
LD5537 would carry 2 diode voltage offset at the stage to
feed the voltage divider at the ratio of RA and RB, that is,
)
V
2
V
(
RB
RA
RB
V
F
COMP
)
PWM
(
COMPARATOR
A pull-high resistor is embedded internally and therefore
no external one is required.
Internal Slope Compensation
In the conventional applications, the problem of the
stability is a critical issue for current mode controlling,
when it operates over 50% duty-cycle. As UC384X, It
takes slope compensation from the ramp signal of the
RT/CT pin injected through a coupling capacitor. It
therefore requires no extra design for the LD5537 since it
has integrated it already.
On/Off Control
To pull COMP below 1.6V can disable the gate output pin
of the LD5537. The off-mode can be released when the
pull-low signal is removed.
Over
Power
Protection
(OPP)
-
Auto
Recovery
To protect the circuit from damage in over-power short or
open-loop condition, the LD5537 is implemented with
smart OPP function. It also features auto recovery
function, see Fig. 19 for the waveform. In case of fault
condition, the feedback system will force the voltage loop
enter toward saturation and then pull the voltage high on
COMP pin (VCOMP).
When the VCOMP ramps up to the
OPP threshold of 4.7V and continues over OPP delay
time, the protection will be activated and then turn off the
gate output to stop the switching of power circuit.
With the protection mechanism, the average input power
will be minimized to remain the component temperature
and stress within the safe operating area.
VCC
UVLO(ON)
UVLO(OFF)
t
t
COMP
OPP
4.7V
t
OUT
TOPP
Switching
Switching
Non-Switching
OPP Trip Level
OPP Reset
Fig. 19
Over
Current
Protection (OCP)
-
Auto
Recovery
When the switching current is higher than the OCP
threshold, the internal counter counts up. When the total
accumulated counting time is more than 110ms, the
controller triggers the OCP. This protection is auto
recovery function.
OSCP (Output Short Circuit Protection) -
Auto Recovery
Even when the output shorts to GND, there
’s no way to
turn off the signal unless the following four conditions are
met.
1. The CS is higher than limit voltage.
2. The COMP voltage is higher than 4.7V
3. This duration is greater than 8 cycles.
4. Turn on time is lower than 1us.
The out signal could not be charged either, if it fails to
meet the four conditions.
Once the protection is triggered, switching is terminated
and the MOSFET remains off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com