Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5537GL Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5537GL Datasheet HTML 6Page - Leadtrend Technology LD5537GL Datasheet HTML 7Page - Leadtrend Technology LD5537GL Datasheet HTML 8Page - Leadtrend Technology LD5537GL Datasheet HTML 9Page - Leadtrend Technology LD5537GL Datasheet HTML 10Page - Leadtrend Technology LD5537GL Datasheet HTML 11Page - Leadtrend Technology LD5537GL Datasheet HTML 12Page - Leadtrend Technology LD5537GL Datasheet HTML 13Page - Leadtrend Technology LD5537GL Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD5537
09/07/2015
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
Application Information
Operation Overview
The LD5537 meets the green-power requirement and is
intended for the use in those modern switching power
suppliers and adaptors which demand higher power
efficiency and power-saving. It integrates more functions
to reduce the external components counts and the size.
Its major features are described as below.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It would assure the supply
voltage enough to turn on the LD5537 PWM controller
and further to drive the power MOSFET.
As shown in Fig.
14, a hysteresis is built in to prevent the shutdown from
the voltage dip during startup.
The turn-on and turn-off
threshold level are set at 16.0V and 7.5V, respectively.
VCC
UVLO(ON)
UVLO(OFF)
t
t
I(VCC)
startup current
(~uA)
operating current
(~ mA)
Fig. 14
Startup Current and Startup Circuit
The typical startup circuit to generate VCC of the LD5537
is shown in Fig. 15.
During the startup transient, the
VCC is below UVLO threshold. Before it has sufficient
voltage to develop OUT pulse to drive the power
MOSFET, R1 will provide the startup current to charge the
capacitor C1.
Once VCC obtain enough voltage to turn
on the LD5537 and further to deliver the gate drive signal,
it will enable the auxiliary winding of the transformer to
provide
supply
current.
Lower
startup
current
requirement on the PWM controller will help to increase
the value of R1 and then reduce the power consumption
on R1. By using CMOS process and the special circuit
design, the maximum startup current for LD5537 is only
12
A.
If a higher resistance value of the R1 is chosen, it will
usually spend more time to start up. To carefully select the
value of R1 and C1 will optimize the power consumption
and startup time.
R1
OUT
CS
VCC
GND
LD5537
AC
input
C1
Cbulk
D1
EMI
Filter
Fig. 15
Current
Sensing
and
Leading-edge
Blanking
The typical current mode of PWM controller feedbacks
both current signal and voltage signal to close the control
loop and achieve regulation. As shown in Fig. 16, the
LD5537 detects the primary MOSFET current from the CS
pin, which is not only for the peak current mode control
but also for the pulse-by-pulse current limit. The maximum
voltage threshold of the current sensing pin is set at 0.75V.
From above, the MOSFET peak current is concluded as
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com