Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5537GL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5537GL Datasheet HTML 7Page - Leadtrend Technology LD5537GL Datasheet HTML 8Page - Leadtrend Technology LD5537GL Datasheet HTML 9Page - Leadtrend Technology LD5537GL Datasheet HTML 10Page - Leadtrend Technology LD5537GL Datasheet HTML 11Page - Leadtrend Technology LD5537GL Datasheet HTML 12Page - Leadtrend Technology LD5537GL Datasheet HTML 13Page - Leadtrend Technology LD5537GL Datasheet HTML 14Page - Leadtrend Technology LD5537GL Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LD5537
09/07/2015
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
S
PEAK(MAX)
R
0.75V
=
I
R1
OUT
CS
VCC
GND
C1
Cbulk
D1
Rs
COMP
VIN
AC
Line
LD5537
Fig. 16
A 250nS leading-edge blanking (LEB) time is included in
the input of CS pin to prevent false-triggering from the
current spike. In those low power applications, if the total
pulse width of the turn-on spikes is less than 150nS and
the negative spike on the CS pin below -0.3V, the R-C
filter is free to eliminate. (As shown in Fig. 17).
However, the total pulse width of the turn-on spike is
subject to output power, circuit design and PCB layout.
It
is strongly recommended to adopt a smaller R-C filter (as
shown in Fig. 18) for large power application to avoid the
CS pin being damaged by the negative turn-on spike.
CS
VCC
GND
LD5537
Can be removed if the negative
spike is not over spec. (-0.3V).
OUT
150ns
blanking time
Fig. 17
CS
VCC
GND
LD5537
R-C filter is required when the negative
spike exceeds -0.3V or the total spike width
is over 250nS LEB period.
OUT
Fig. 18
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 500mA
driving capability, is incorporated to drive a power
MOSFET directly.
And the maximum duty-cycle of
LD5537 is limited to 85% to avoid the transformer
saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com