Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85214 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS85214
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85214 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS85214 Datasheet HTML 1Page - Renesas Technology Corp ICS85214 Datasheet HTML 2Page - Renesas Technology Corp ICS85214 Datasheet HTML 3Page - Renesas Technology Corp ICS85214 Datasheet HTML 4Page - Renesas Technology Corp ICS85214 Datasheet HTML 5Page - Renesas Technology Corp ICS85214 Datasheet HTML 6Page - Renesas Technology Corp ICS85214 Datasheet HTML 7Page - Renesas Technology Corp ICS85214 Datasheet HTML 8Page - Renesas Technology Corp ICS85214 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ICS85214
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
IDT™ / ICS™ HSTL FANOUT BUFFER
5
ICS85214AG
REV. B
JUNE 3, 2016
Table 4D. HSTL DC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = 0°C to 85°C
NOTE 1: Outputs termination with 50
 to ground.
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = 0°C to 85°C
All parameters measured at fMAX unless noted otherwise.
The cycle to cycle jitter on the input will equal the jitter on the output. The part does not add jitter.
NOTE 1: Measured from either the differential input crossing point or VDD/2 to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at output differential cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.Parameter Measurement Information
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current;
NOTE 1
1.0
1.4
V
VOL
Output Low Current;
NOTE 1
00.4
V
VOX
Output
Crossover Voltage
38% x (VOH – VOL) + VOL
60% x (VOH – VOL) + VOL
V
VSWING
Peak-to-Peak
Output Voltage Swing
0.6
1.1
V
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
CLK0, CLK0
700
MHz
CLK1
300
MHz
tPD
Propagation Delay; NOTE 1
ƒ
 700MHz
1.0
1.8
ns
tsk(o)
Output Skew; NOTE 2, 4
30
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
250
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
CLK0, CLK0
46
54
%
CLK1
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com