Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85214 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS85214
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85214 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS85214 Datasheet HTML 5Page - Renesas Technology Corp ICS85214 Datasheet HTML 6Page - Renesas Technology Corp ICS85214 Datasheet HTML 7Page - Renesas Technology Corp ICS85214 Datasheet HTML 8Page - Renesas Technology Corp ICS85214 Datasheet HTML 9Page - Renesas Technology Corp ICS85214 Datasheet HTML 10Page - Renesas Technology Corp ICS85214 Datasheet HTML 11Page - Renesas Technology Corp ICS85214 Datasheet HTML 12Page - Renesas Technology Corp ICS85214 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ICS85214
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
IDT™ / ICS™ HSTL FANOUT BUFFER
9
ICS85214AG
REV. B
JUNE 3, 2016
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
 resistor can be used.
CLK/CLK INPUTS
For applications not requiring the use of the differential input, both
CLK and CLK can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK0 to
ground.
CLK INPUT
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the CLK input to ground.
Outputs:
HSTL Outputs
All unused HSTL outputs can be left floating. We recommend that
there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.
Schematic Example
Figure 4 shows a schematic example of the ICS85214. In this
example, the input is driven by an IDT HiPerClockS HSTL driver.
The decoupling capacitors should be physically located near the
power pin. For ICS85214, the unused clock outputs can be left
floating.
Figure 4. ICS85214 HSTL Buffer Schematic Example
Zo = 50 Ohm
R9
50
R11
1K
U1
ICS85214
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
GND
CLK_SEL
nc
nCLK
CLK
SCLK
VDDO
nCLK_EN
VDD
nc
3.3V
Zo = 50 Ohm
R1
50
C2
0.1u
Zo = 50
R4
50
R7
50
LVHSTL Driver
R12
1K
R10
50
R3
50
Zo = 50
C1
0.1u
1.8V
Zo = 50
+
-
+
-
Zo = 50
Zo = 50
+
-
R8
50
Zo = 50
1.8V
R2
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com