Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85214 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS85214
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85214 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS85214 Datasheet HTML 7Page - Renesas Technology Corp ICS85214 Datasheet HTML 8Page - Renesas Technology Corp ICS85214 Datasheet HTML 9Page - Renesas Technology Corp ICS85214 Datasheet HTML 10Page - Renesas Technology Corp ICS85214 Datasheet HTML 11Page - Renesas Technology Corp ICS85214 Datasheet HTML 12Page - Renesas Technology Corp ICS85214 Datasheet HTML 13Page - Renesas Technology Corp ICS85214 Datasheet HTML 14Page - Renesas Technology Corp ICS85214 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ICS85214
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
IDT™ / ICS™ HSTL FANOUT BUFFER
11
ICS85214AG
REV. B
JUNE 3, 2016
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
HSTL output driver circuit and termination are shown in Figure 6.
Figure 6. HSTL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (VOH_MAX /RL) * (VDDO_MAX - VOH_MAX)
Pd_L = (VOL_MAX /RL) * (VDDO_MAX - VOL_MAX)
Pd_H = (1.0V/50
) * (2V - 1.0V) = 20mW
Pd_L = (0.4V/50
) * (2V - 0.4V) = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32.8mW
V
OUT
V
DD
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com