Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87004I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS87004I
Description  1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87004I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS87004I Datasheet HTML 2Page - Renesas Technology Corp ICS87004I Datasheet HTML 3Page - Renesas Technology Corp ICS87004I Datasheet HTML 4Page - Renesas Technology Corp ICS87004I Datasheet HTML 5Page - Renesas Technology Corp ICS87004I Datasheet HTML 6Page - Renesas Technology Corp ICS87004I Datasheet HTML 7Page - Renesas Technology Corp ICS87004I Datasheet HTML 8Page - Renesas Technology Corp ICS87004I Datasheet HTML 9Page - Renesas Technology Corp ICS87004I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICS87004AGI REVISION D JANUARY 4, 2010
6
©2009 Integrated Device Technology, Inc.
ICS87004I Data Sheet
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
Table 4C. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
DDO/2. In the Parameter Measurement Information Section, see Output Load Test Circuit Diagrams.
Table 4D. Differential DC Characteristics, VDD = VDDO = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.3V
2
VDD + 0.3
V
VDD = 2.5V
1.7
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
VDD = 2.5V
-0.3
0.7
V
IIH
Input High Current
SEL[0:3], MR,
FB_IN, CLK_SEL
VDD = VIN = 3.465V or 2.625V
150
µA
PLL_SEL
VDD = VIN = 3.465V or 2.625V
5
µA
IIL
Input Low Current
SEL[0:3], MR,
FB_IN, CLK_SEL
VDD = 3.465V or 2.625V,
VIN = 0V
-5
µA
PLL_SEL
VDD = 3.465V or 2.625V,
VIN = 0V
-150
µA
VOH
Output High Voltage; NOTE 1
VDDO = 3.465V
2.6
V
VDDO = 2.625V
1.8
V
VOL
Output Low Voltage; NOTE 1
VDD = 3.465V or 2.625V
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input
High Current
CLK0/nCLK0,
CLK1/nCLK1
VDD = VIN = 3.465V or 2.625V
150
µA
IIL
Input
Low Current
CLK0, CLK1
VDD = 3.465V or 2.625V, VIN = 0V
-5
µA
nCLK0, nCLK1
VDD = 3.465V or 2.625V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com