Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87004I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS87004I
Description  1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87004I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS87004I Datasheet HTML 1Page - Renesas Technology Corp ICS87004I Datasheet HTML 2Page - Renesas Technology Corp ICS87004I Datasheet HTML 3Page - Renesas Technology Corp ICS87004I Datasheet HTML 4Page - Renesas Technology Corp ICS87004I Datasheet HTML 5Page - Renesas Technology Corp ICS87004I Datasheet HTML 6Page - Renesas Technology Corp ICS87004I Datasheet HTML 7Page - Renesas Technology Corp ICS87004I Datasheet HTML 8Page - Renesas Technology Corp ICS87004I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
ICS87004AGI REVISION D JANUARY 4, 2010
1
©2009 Integrated Device Technology, Inc.
1:4, Differential-to-LVCMOS/LVTTL
Zero Delay Clock Generator
ICS87004I
General Description
The ICS87004I is a highly versatile 1:4 Differential-
to-LVCMOS/LVTTL Clock Generator. The ICS87004I
has two selectable clock inputs. The CLK0, nCLK0
and CLK1, nCLK1 pairs can accept most standard
differential input levels. Internal bias on the nCLK0 and
nCLK1 inputs allows the CLK0 and CLK1 inputs to accept
LVCMOS/LVTTL. The ICS87004I has a fully integrated PLL and can
be configured as a zero delay buffer, multiplier or divider and has an
input and output frequency range of 15.625MHz to 250MHz. The
reference divider, feedback divider and output divider are each
programmable, thereby allowing for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8. The external
feedback allows the device to achieve “zero delay” between the input
clock and the output clocks. The PLL_SEL pin can be used to
bypass the PLL for system test and debug purposes. In bypass
mode, the reference clock is routed around the PLL and into the
internal output dividers.
Features
• Four LVCMOS/LVTTL outputs, 7Ω typical output impedance
• Selectable CLK0/nCLK0 or CLK1/nCLK1 clock inputs
• CLKx/nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Internal bias on nCLK0 and nCLK1 to support LVCMOS/LVTTL
levels on CLK0 and CLK1 inputs
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration with
configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Fully integrated PLL
• Cycle-to-cycle jitter: 45ps (maximum)
• Output skew: 65ps (maximum)
• Static phase offset: 50ps ± 150ps (3.3V ± 5%), CLK0/nCLK0
• Full 3.3V or 2.5V output operating supply
• 5V tolerant
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
Q0
VDDO
SEL0
SEL1
SEL2
SEL3
CLK_SEL
VDD
CLK0
nCLK0
GND
Q1
VDDO
GND
Q2
VDDO
Q3
MR
FB_IN
PLL_SEL
CLK1
nCLK1
VDDA
ICS87004I
24-Lead TSSOP
7.8mm x 4.4mm x 0.925mm package body
G Package
Top View
Block Diagram
0
1
Q0
Q1
Q2
Q3
PLL_SEL
FB_IN
SEL0
SEL1
SEL2
SEL3
MR
CLK0
nCLK0
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
÷2, ÷4, ÷8, ÷16
÷32, ÷64, ÷128
Pullup/Pulldown
Pulldown
CLK_SEL Pulldown
Pulldown
Pulldown
CLK1
nCLK1 Pullup/Pulldown
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
0
1
Pin Assignment


Similar Part No. - ICS87004I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
logo
Renesas Technology Corp
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
More results

Similar Description - ICS87004I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
87021I RENESAS-87021I Datasheet
782Kb / 14P
÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com