Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87004I Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS87004I
Description  1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87004I Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS87004I Datasheet HTML 3Page - Renesas Technology Corp ICS87004I Datasheet HTML 4Page - Renesas Technology Corp ICS87004I Datasheet HTML 5Page - Renesas Technology Corp ICS87004I Datasheet HTML 6Page - Renesas Technology Corp ICS87004I Datasheet HTML 7Page - Renesas Technology Corp ICS87004I Datasheet HTML 8Page - Renesas Technology Corp ICS87004I Datasheet HTML 9Page - Renesas Technology Corp ICS87004I Datasheet HTML 10Page - Renesas Technology Corp ICS87004I Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ICS87004AGI REVISION D JANUARY 4, 2010
7
©2009 Integrated Device Technology, Inc.
ICS87004I Data Sheet
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the differential input crossing point to the output at VDDO/2.
NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal when the PLL is locked and
the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Table 5B. AC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the differential input crossing point to the output at VDDO/2.
NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal, when the PLL is locked and
the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
15.625
250
MHz
tPD
Propagation Delay;
NOTE 1
CLK0, nCLK0
CLK1, nCLK1
PLL_SEL = 0V, f
≤ 250MHz,
Qx ÷ 2
56.2
ns
t(Ø)
Static Phase Offset;
NOTE 2, 4
CLK0, nCLK0
PLL_SEL = 3.3V,
fREF ≤ 167MHz, Qx ÷ 1
-100
50
200
ps
CLK1, nCLK1
-200
-75
200
ps
tsk(o)
Output Skew;
NOTE 3, 4
CLK0, nCLK0
CLK1, nCLK1
PLL_SEL = 0V
40
65
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 4
fOUT > 40MHz
30
45
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time
20% to 80%
400
800
ps
odc
Output Duty Cycle
40
50
60
%
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
15.625
250
MHz
tPD
Propagation Delay;
NOTE 1
CLK0, nCLK0
CLK1, nCLK1
PLL_SEL = 0V, f
≤ 250MHz,
Qx ÷ 2
5.3
6.9
ns
t(Ø)
Static Phase Offset;
NOTE 2, 4
CLK0, nCLK0
PLL_SEL = 2.5V,
fREF ≤ 167MHz, Qx ÷ 1
-250
-25
150
ps
CLK1, nCLK1
-350
-150
150
ps
tsk(o)
Output Skew;
NOTE 3, 4
CLK0, nCLK0
CLK1, nCLK1
PLL_SEL = 0V
40
65
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 4
fOUT > 40MHz
35
45
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time
20% to 80%
400
700
ps
odc
Output Duty Cycle
43
50
57
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com